Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 43 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 39Page - Texas Instruments AFEX82H1 Datasheet HTML 40Page - Texas Instruments AFEX82H1 Datasheet HTML 41Page - Texas Instruments AFEX82H1 Datasheet HTML 42Page - Texas Instruments AFEX82H1 Datasheet HTML 43Page - Texas Instruments AFEX82H1 Datasheet HTML 44Page - Texas Instruments AFEX82H1 Datasheet HTML 45Page - Texas Instruments AFEX82H1 Datasheet HTML 46Page - Texas Instruments AFEX82H1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 115 page
background image
The FIFO_H2U and FIFO_U2H buffers have 32 levels; however, the level setting for generating IRQ events
only uses four bits. For the receive FIFO_H2U buffer, the LSB in the FIFO level threshold comparison is always
1 (FIFO_CFG.H2U_LEVEL_SET[3:0], 1). This configuration is designed to alert the user when FIFO_H2U is
getting nearly full so as to enable a timely data dequeue, and prevent the loss of incoming HART data due
to FIFO overload. For this reason, the FIFO_H2U_LEVEL_FLAG is also a greater-than (>) comparison to the
FIFO_CFG.H2U_LEVEL_SET. For example, if FIFO_CFG.H2U_LEVEL_SET = 4’b1000, then when the level
of the FIFO_H2U > 5’b10001, the FIFO_H2U_LEVEL_FLAG is set. Setting FIFO_CFG.H2U_LEVEL_SET =
4’b1111 (default) effectively disables this flag. Use FIFO_H2U_FULL_ FLAG to detect the FIFO_H2U full event.
When the FIFO_H2U is full, the new incoming data are blocked from enqueuing into the FIFO and ignored to
preserve the existing data.
Similarly, for the transmit FIFO_U2H buffer, the LSB in the FIFO level threshold comparison is always 0
(FIFO_CFG.U2H_LEVEL_SET[3:0], 0). This configuration is designed to alert the user when FIFO_U2H is
getting nearly empty so as to enable a timely data enqueue, and prevent FIFO_U2H from becoming empty
prematurely and causing a gap error on the HART bus. For this reason, the FIFO_U2H_LEVEL_FLAG is also a
less-than (<) comparison with the FIFO_CFG.U2H_LEVEL_SET. For example, if FIFO_CFG.U2H_LEVEL_SET
= 4’b1000, then when the level of the FIFO_U2H < 5’b10000, the FIFO_U2H_LEVEL_FLAG is set. Setting
FIFO_CFG.U2H_LEVEL_SET = 4’b0000 (default) effectively disables this flag. Use FIFO_U2H_EMPTY_ FLAG
to detect the FIFO_U2H empty event.
To avoid buffer overflow, monitor the level of FIFO_U2H by watching for a buffer-full or buffer-threshold event. If
the FIFO_U2H_LEVEL_FLAG bit in the MODEM_STATUS_MASK register is set to 0, the IRQ pin toggles when
the threshold is exceeded. Similarly, an alarm can be triggered based on the FIFO_U2H_FULL_FLAG bit in the
MODEM_STATUS register. When the FIFO_U2H is full the new incoming data are blocked from enqueuing into
the FIFO and ignored to preserve the existing data.
6.3.5.2 HART Modulator
The HART modulator implements a look-up table (LUT) containing 128, 8-bit, signed values that represent a
single-phase, continuous sinusoidal cycle. A counter is implemented that incrementally loads the table values
to a DAC at a clock frequency determined by the binary value of the input data. The DAC clock frequency
is determined by the logical value of the data bit being transmitted. A logic 1 transmits at the internal clock
frequency of 32 (default) steps times 1200 Hz. A logic 0 transmits at the internal clock frequency of 32 (default)
steps times 2200 Hz. All frequencies are derived from 1.2288 MHz. This process creates the mark and space
analog output signals used to represent HART data. The default mode uses 32 sinusoidal codes per period from
the LUT for power savings. To generate a 128-step-per-period sinusoidal signal set MODEM_CFG.TxRES = 1.
Figure 6-18 shows the HART modulator architecture.
8-Bit
DAC
MOD_OUT
HART FSK Resolution
MODEM_CFG.TxRES
HART
Modulator
Buffer
(HART FSK)
HART Data
FIFO_U2H
HART MOD_OUT
MODEM_CFG.TxHPD
VOUT
DAC
+
–
VOUT
LOOP–
Current Control to
LOOP+
Internal
Oscillator
Clock
dividers
TX Bit
1.2288
MHz
Sine Code
Generator
LUT
0
1
0
1
¼
HART FSK Amplitude
MODEM_CFG.TxAMP
38.4 / 70.4 kHz
153.6 / 281.6 kHz
281.6
kHz
153.6
kHz
128 or 32
Step Select
Output
Enable
DAC Update
Rate Select
Figure 6-18. HART Modulator Architecture
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com