Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 4 Page - Texas Instruments

  AFEX82H1 Datasheet HTML 1Page - Texas Instruments AFEX82H1 Datasheet HTML 2Page - Texas Instruments AFEX82H1 Datasheet HTML 3Page - Texas Instruments AFEX82H1 Datasheet HTML 4Page - Texas Instruments AFEX82H1 Datasheet HTML 5Page - Texas Instruments AFEX82H1 Datasheet HTML 6Page - Texas Instruments AFEX82H1 Datasheet HTML 7Page - Texas Instruments AFEX82H1 Datasheet HTML 8Page - Texas Instruments AFEX82H1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 115 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IOVDD
12
P
Interface supply. Supply voltage for digital input and output circuitry. This voltage sets the logical thresholds
for the digital interfaces.
MOD_OUT
23
AO
FSK output sinusoid. Maximum supported parallel load capacitance is 2 nF.
POL_SEL/
AIN1
16
DI/AI
ADC input voltage if SPECIAL_CFG.AIN1_ENB bit is set to 1. The input range is 0 V to 2 × VREF.
Otherwise, this pin acts as ALMV_POL, which sets the polarity of the VOUT alarm voltage.
PVDD
17
P
Power supply for the internal low-dropout regulator (LDO), ADC input and VOUT DAC output.
REF_EN
5
DI
Internal VREF enable input. A logic high on this pin enables the internal VREF and the VREFIO pin outputs
1.25 V. A logic low on this pin disables the internal VREF and the external 1.25-V reference is required at
the VREFIO pin.
REF_GND
20
P
GND reference for VREFIO pin.
RESET
6
DI
Reset pin, active low. Logic low on this pin turns off the internal oscillator and resets the device. Logic high
returns the device to normal operation. Do not leave any digital pins floating.
RTS
4
DI
Request to send pin. A logic high on this pin enables the demodulator and disables the modulator. A logic
low on this pin enables the modulator and disables the demodulator. Do not leave any digital pins floating.
RX_IN
21
AI
HART FSK input if no external filter is used; otherwise, no connect.
RX_INF
22
AI
HART FSK input if using the external band-pass filter. If using the internal band-pass filter by connecting the
HART FSK to RX_IN, then connect 680-pF capacitor to this pin.
SCLK
7
DI
SPI clock. Data are transferred at rates up to 12.5 MHz. SCLK is a Schmitt-trigger logic input. Connect to
GND or logic low if not used. Do not leave any digital pins floating.
VDD
13
P/AO
Internal low voltage LDO output. When 2.7 V to 5.5 V on PVDD pin is provided, the internal LDO is enabled.
Connect a 1-μF to 10-μF capacitor on this pin.
VOUT
18
AO
DAC output voltage.
VREFIO
19
AI/AO
When the internal VREF is enabled by REF_EN pin, this pin outputs the internal VREF voltage. In this case,
a load capacitance of 70 nF to 130 nF is required for stability. When disabled, this pin is the external 1.25
‑V
reference input.
(1)
AI = analog input, AO = analog output, DI = digital input, DO = digital output, P = power.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com