Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 57 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 57 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 53Page - Texas Instruments AFEX82H1 Datasheet HTML 54Page - Texas Instruments AFEX82H1 Datasheet HTML 55Page - Texas Instruments AFEX82H1 Datasheet HTML 56Page - Texas Instruments AFEX82H1 Datasheet HTML 57Page - Texas Instruments AFEX82H1 Datasheet HTML 58Page - Texas Instruments AFEX82H1 Datasheet HTML 59Page - Texas Instruments AFEX82H1 Datasheet HTML 60Page - Texas Instruments AFEX82H1 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 115 page
background image
6.5.1.2 UART Mode
At power up, the UART interface is set to 9600 baud with UBM enabled. Any reset clears the UBM register, and
the register must be set again to use UBM. To set up the device in UBM:
1. Using UBM, set UBM.REG_MODE = 1 at 9600 baud. This setting blocks the SPI from accessing the device
and enables the UART interface access to the entire register map.
2. Optionally, set CONFIG.CLR_PIN_EN and CONFIG.IRQ_PIN_EN (See Table 7-5 for details).
Figure 6-27 shows the UBM logical connections (through the isolation barrier, if used) for both minimum
communication functionality (all optional communication pins disconnected, most GPIO pins available
shown) and maximum communication functionality (all communication pins connected, least GPIO pins
available shown). If CONFIG.IRQ_PIN_EN = 1 is set, then the SDO pin functions as the IRQ output. If
CONFIG.CLR_PIN_EN = 1 is set, then the SDI pin controls the clear pin function. Enable each GPIO pin for use
through proper register configuration. If a GPIO pin remains unused, tie the pin to either IOVDD using a pullup
resistor or to GND using a pulldown resistor to avoid floating I/Os.
Resistive tie for unused or undriven GPIO
CD
RTS
Control Logic
UARTOUT
Tx
Interrupt
Clear
Reset
Rx
System
Controller
AFE
Maximum Communication
Functionality (Least GPIOs)
CD
RTS
SDI
SDO
SCLK
UARTIN
RESET
GPIO6
CLK_OUT
GND
IOVDD
UART
Interface
HART
Interface
CD
RTS
UART
Interface
Control Logic
HART
Interface
GPIO5
GPIO4
SCLK
UARTOUT
UARTIN
Tx
Rx
System
Controller
AFE
Minimum Communication
Functionality (Most GPIOs)
RESET
GPIO6
GPIO0
GND
IOVDD
IOVDD
Monitor
Figure 6-27. UBM (UART Interface) Connections
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com