Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 36 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 32Page - Texas Instruments AFEX82H1 Datasheet HTML 33Page - Texas Instruments AFEX82H1 Datasheet HTML 34Page - Texas Instruments AFEX82H1 Datasheet HTML 35Page - Texas Instruments AFEX82H1 Datasheet HTML 36Page - Texas Instruments AFEX82H1 Datasheet HTML 37Page - Texas Instruments AFEX82H1 Datasheet HTML 38Page - Texas Instruments AFEX82H1 Datasheet HTML 39Page - Texas Instruments AFEX82H1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 115 page
background image
6.3.3.1 Alarm-Based Interrupts
One or more of the available alarms can be set to activate the ALARM pin. Connect the ALARM pin as an
optional hardware interrupt to the host. The host can query the alarm status registers to determine the alarm
source upon assertion of the interrupt. Any alarm event activates the pin, as long as the alarm is not masked
in the ALARM_STATUS_MASK register. When an alarm event is masked, the occurrence of the event sets the
corresponding status bit in the alarm status registers, but does not activate the ALARM pin.
Note
The ALARM pin output depends on ALARM_STATUS and ALARM_STATUS_MASK register settings,
independent of ALARM_ACT register settings.
6.3.3.2 Alarm Action Configuration Register
The AFEx82H1 provides an alarm action configuration register: ALARM_ACT, Table 7-17. Writing to this
register selects the device action that automatically occurs for a specific alarm condition. The ALARM_ACT
register determines how the main DAC responds to an alarm event from either an ADC conversion on the
self-diagnostics channels (AIN0, AIN1, and TEMP), or from a CRC, WDT, VREF, TEMP_HI, or TEMP_LO fault.
Only these faults cause a response by the DAC. Any other alarm status events trigger the ALARM pin. There are
four options for alarm action. In case different settings are selected for different alarm conditions, the following
low-to-high priority is considered when taking action:
• 0. → No action
• 1. → DAC CLEAR state
• 2. → VOUT alarm voltage
• 3. → VOUT Hi-Z
If option 1 is selected when the alarm event occurs, then the DAC is forced to the clear code. This operation is
done by controlling the input code to the DAC.
If option 2 is selected when the alarm event occurs, then VOUT is forced to the alarm voltage. The alarm voltage
is controlled by either pin or register bit. If SPECIAL_CFG.AIN1_ENB = 0, then the AIN1 pin controls alarm
polarity. Also, register bit SPECIAL_CFG.ALMV_POL can be used. If either of these signals = 1, then the alarm
voltage is high; otherwise, the alarm voltage is low. The SPECIAL_CFG register is only reset with POR, so the
user setting remains intact through hardware or software resets.
If option 3 is selected when the alarm event occurs, then the VOUT buffer is put into Hi-Z. If multiple events
occur, then the highest setting takes precedence. Option 3 has the highest priority.
To disable action response to an alarm, set the corresponding bits in ALARM_ACT to 0h. Alarm action
response is cleared either when the triggered condition bit resets (behavior depends on whether the fault bit
in ALARM_STATUS is sticky or not), or by changing the action configuration to 0h.
Note
An alarm action, as configured, executes when an alarm occurs depending on ALARM_STATUS and
ALARM_ACT registers. Action response is independent of ALARM_STATUS_MASK settings.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com