Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 7Page - Texas Instruments AFEX82H1 Datasheet HTML 8Page - Texas Instruments AFEX82H1 Datasheet HTML 9Page - Texas Instruments AFEX82H1 Datasheet HTML 10Page - Texas Instruments AFEX82H1 Datasheet HTML 11Page - Texas Instruments AFEX82H1 Datasheet HTML 12Page - Texas Instruments AFEX82H1 Datasheet HTML 13Page - Texas Instruments AFEX82H1 Datasheet HTML 14Page - Texas Instruments AFEX82H1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
5.6 Timing Requirements
all input signals are specified with tR = tF = 1 ns/V and timed from a voltage level of (VIL + VIH) / 2, 2.7 V ≤ PVDD ≤ 5.5 V,
VIH = 1.62 V, VIL = 0.15 V, VREFIO = 1.25 V and TA = –40°C to +125°C (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
SERIAL INTERFACE - WRITE AND READ OPERATION
fSCLK
Serial clock frequency
12.5
MHz
tSCLKHIGH
SCLK high time
36
ns
tSCLKLOW
SCLK low time
36
ns
tCSHIGH
CS high time
80
ns
tCSS
CS to SCLK falling edge setup time
30
ns
tCSH
SCLK falling edge to CS rising edge
30
ns
tCSRI
CS rising edge to SCLK falling edge ignore
30
ns
tCSFI
SCLK falling edge ignore to CS falling edge
5
ns
tSDIS
SDI setup time
5
ns
tSDIH
SDI hold time
5
ns
tSDOZD
CS falling edge to SDO tri-state condition to driven
40
ns
tSDODZ
CS rising edge to SDO driven to tri-state condition
40
ns
tSDODLY
SCLK to SDO output delay
40
ns
UART
tBAUDUART
Baud rate = 9600 ±1%
104
µs
tBAUDUART
Baud rate = 1200 ±1%
833
µs
HART
tBAUDHART
Baud rate = 1200 ± 1%
833
µs
DIGITAL LOGIC
tDACWAIT
Sequential DAC update wait time
2.1
µs
tPOR
POR reset delay
100
µs
tRESET
RESET pulse duration
100
ns
tRESETWAIT
Wait time after RESET pulse
10
µs
tPULSE_GPIO
GPIO input pulse duration
10
ns
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com