Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 26 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 22Page - Texas Instruments AFEX82H1 Datasheet HTML 23Page - Texas Instruments AFEX82H1 Datasheet HTML 24Page - Texas Instruments AFEX82H1 Datasheet HTML 25Page - Texas Instruments AFEX82H1 Datasheet HTML 26Page - Texas Instruments AFEX82H1 Datasheet HTML 27Page - Texas Instruments AFEX82H1 Datasheet HTML 28Page - Texas Instruments AFEX82H1 Datasheet HTML 29Page - Texas Instruments AFEX82H1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 115 page
background image
Table 6-2. DAC_OFFSET Setting vs OFFSET Code
DAC_OFFSET
OFFSET (HEX)
32767
0x7FFF
1
0x0001
0
0x0000
–1
0xFFFF
–2
0xFFFE
–32768
0x8000
The following transfer function is applied to the DAC_DATA.DATA based on the DAC_GAIN and DAC_OFFSET
values: DAC_CODE= DATA×DAC_GAIN +DAC_OFFSET
(4)
where
• DAC_CODE is the internal signal applied to the DAC.
• DATA is the decimal value of the DAC_DATA register.
• DAC_GAIN and DAC_OFFSET are the user calibration settings.
• DATA data are left justified; the last two LSBs in the DAC_DATA register are ignored for the AFE782H1.
Substituting DAC_GAIN and DAC_OFFSET in Equation 4 with Equation 2 and Equation 3 results in:
DAC_CODE= DATA× 12+GAIN2N −OFFSETMSB×2N−1+∑i=0N−2OFFSETi×2i
(5)
The multiplier is implemented using truncation instead of rounding. This truncation can cause a difference of one
LSB if rounding is expected. Figure 6-2 shows the DAC calibration path.
DAC_DATA
Register 01h
DAC_GAIN
Register 04h
DAC_OFFSET
Register 05h
DAC_CODE
Gain = ½ + DAC_GAIN / 2
16
< 8000h: Gain < 1
= 8000h: Gain = 1
> 8000h: Gain > 1
+
+
Offset in 2’s-complement
< 0000h: Negative offset
0000h: No offset
> 0000h: Positive offset
Figure 6-2. DAC Calibration Path
6.3.1.5 Programmable Slew Rate
The slew rate feature controls the rate at which the output voltage or current changes. This feature is disabled
by default and is enabled by writing a logic 1 to the DAC_CFG.SR_EN bit. With the slew rate control feature
disabled, the output changes smoothly at a rate limited by the output drive circuitry and the attached load.
With this feature enabled, the output does not slew directly between the two values. Instead, the output steps
digitally at a rate defined by DAC_CFG.SR_STEP[2:0] and DAC_CFG.SR_CLK[2:0]. SR_CLK defines the rate
at which the digital slew updates. SR_STEP defines the amount by which the output value changes at each
update. The register descriptions show different settings for SR_STEP and SR_CLK.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com