Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 33 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 29Page - Texas Instruments AFEX82H1 Datasheet HTML 30Page - Texas Instruments AFEX82H1 Datasheet HTML 31Page - Texas Instruments AFEX82H1 Datasheet HTML 32Page - Texas Instruments AFEX82H1 Datasheet HTML 33Page - Texas Instruments AFEX82H1 Datasheet HTML 34Page - Texas Instruments AFEX82H1 Datasheet HTML 35Page - Texas Instruments AFEX82H1 Datasheet HTML 36Page - Texas Instruments AFEX82H1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 115 page
background image
6.3.2.5 External Monitoring Inputs
The AFEx82H1 have two analog inputs for external voltage sensing. Channels 1 and 2 for the CCS pointer are
for external monitoring inputs that can be measured by pins AIN0 and AIN1, respectively. The input range for the
analog inputs is configurable to either 0 V to 1.25 V or 0 V to 2.5 V. The analog inputs conversion values are
stored in straight binary format in the ADC registers. The ADC resolution can be computed by Equation 7:
1LSB=VRANGE212
(7)
where
• VRANGE = 2.5 V for the 0‑V to 2.5‑V input range or 1.25 V for the 0‑V to 1.25‑V input range.
Figure 6-10 and Table 6-4 detail the transfer characteristics.
NFSC + 1
PFSC
MC + 1
MC
VIN
NFSC
1 LSB
(VRANGE –
LSB)
(VRANGE / 2 + 1 LSB)
VRANGE / 2
Figure 6-10. ADC Transfer Characteristics
Table 6-4. Transfer Characteristics
INPUT VOLTAGE
CODE
DESCRIPTION
IDEAL OUTPUT CODE
≤1 LSB
NFSC
Negative full-scale code
000
1 LSB to 2 LSB
NFSC + 1
Negative full-scale code plus 1
001
(VRANGE / 2) to (VRANGE / 2) + 1 LSB
MC
Midcode
800
(VRANGE / 2) + 1 LSB to (VRANGE / 2) + 2 LSB
MC + 1
Midcode plus 1
801
≥ VRANGE – 1 LSB
PFSC
Positive full-scale code
FFF
For these external monitoring inputs, the ADC is configurable for both data rate and voltage range. The data rate
is set to either 640 Hz, 1280 Hz, 2560 Hz, or 3840 Hz with the ADC_CFG.CONV_RATE bits. The range of the
ADC measurement is set with the ADC_CFG.AIN_RANGE bit. The ADC range is 2 × VREF when the bit = 0; the
ADC range is VREF when the bit = 1.
When the ADC conversion is completed for AIN0 and AIN1, the resulting ADC data are stored in the
ADC_AIN0.DATA and ADC_AIN1.DATA bits at 24h and 25h of the register map.
If the external monitoring inputs are not used, connect the AIN0 and AIN1 pins to GND through a 1-kΩ resistor.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com