Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 96 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 96 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 92Page - Texas Instruments AFEX82H1 Datasheet HTML 93Page - Texas Instruments AFEX82H1 Datasheet HTML 94Page - Texas Instruments AFEX82H1 Datasheet HTML 95Page - Texas Instruments AFEX82H1 Datasheet HTML 96Page - Texas Instruments AFEX82H1 Datasheet HTML 97Page - Texas Instruments AFEX82H1 Datasheet HTML 98Page - Texas Instruments AFEX82H1 Datasheet HTML 99Page - Texas Instruments AFEX82H1 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 115 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The AFEx82H1 are extremely low-power 16-bit and 14-bit voltage output DACs. The DACs support an output
range of 0 V to 2.5 V. These devices have an onboard oscillator and an optional precision internal reference.
This DAC is designed for analog voltage or current output modules. These devices also feature a SAR ADC that
is used to measure internal and external nodes for making diagnostic measurements with fault detection and
alarm actions. Use these diagnostic measurements together with the CRC and watchdog timer monitoring for
device and system monitoring for functional safety.
The AFEx82H1 devices support modem functionality with the Highway Addressable Remote Transducer
(HART) Protocol through SPI or UART communications. A HART interface is created through modulation and
demodulation using the SPI or UART. Demodulate the input through band-pass filtering internal or external to the
device.
The PVDD power supply has an operating range of 2.7 V to 5.5 V. The VDD is powered from an onboard LDO.
Run the digital interface supply, IOVDD, from 1.71 V to 5.5 V.
8.1.1 Multichannel Configuration
The integration of receive and transmit FIFOs for HART communication enables easy scalability in multichannel
configurations using the SPI only interface. Because CS low is required for communication and SDO can be
set to a tri-state condition, only individual CS signals are required from the microcontroller for all the AFEx82H1
devices in the system. The SDI, SDO, and SCLK signals can be combined. All the individual ALARM pins can
be wired-OR together. This minimizes the number of microcontroller GPIO signals required for communication,
as well as the number of isolation channels for isolated systems. The multichannel configuration block diagram is
shown in Figure 8-1.
Microcontroller
AFE #1
GPIO1
SCLK
DOUT
DIN
AFE #2
AFE #3
GPIO2
GPIO3
ALARM
CS
SCLK
SDI
SDO
ALARM
CS
SCLK
SDI
SDO
ALARM
CS
SCLK
SDI
SDO
ALARM
Figure 8-1. Multichannel Configuration
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
96
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com