Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 3 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 3 Page - Texas Instruments

  AFEX82H1 Datasheet HTML 1Page - Texas Instruments AFEX82H1 Datasheet HTML 2Page - Texas Instruments AFEX82H1 Datasheet HTML 3Page - Texas Instruments AFEX82H1 Datasheet HTML 4Page - Texas Instruments AFEX82H1 Datasheet HTML 5Page - Texas Instruments AFEX82H1 Datasheet HTML 6Page - Texas Instruments AFEX82H1 Datasheet HTML 7Page - Texas Instruments AFEX82H1 Datasheet HTML 8Page - Texas Instruments AFEX82H1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 115 page
background image
4 Pin Configuration and Functions
1
GPIO3/ UARTIN
1
GPIO3/ UARTIN
18
VOUT
18
VOUT
2
GPIO2/ UARTOUT
2
GPIO2/ UARTOUT
17
PVDD
17
PVDD
3
GPIO1/ CD
3
GPIO1/ CD
16
POL_SEL/ AIN1
16
POL_SEL/ AIN1
4
RTS
4
RTS
15
AIN0
15
AIN0
5
REF_EN
5
REF_EN
14
GND
14
GND
6
RESET
6
RESET
13
VDD
13
VDD
Not to scale
Not to scale
1
GPIO3/ UARTIN
18
VOUT
2
GPIO2/ UARTOUT
17
PVDD
3
GPIO1/ CD
16
POL_SEL/ AIN1
4
RTS
15
AIN0
5
REF_EN
14
GND
6
RESET
13
VDD
Not to scale
Figure 4-1. RRU Package, 24-pin UQFN (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AIN0
15
AI
ADC input voltage. The input range is 0 V to 2 × VREF.
ALARM
24
DO
Alarm notification pin, open drain, active low. When alarm condition is asserted, this pin is held to logic low;
otherwise, this pin is in a high-impedance state (Hi-Z).
GND
14
P
Digital and analog ground. Ground reference point for all circuitry on the device.
GPIO0/
CLK_OUT
11
DO/DI
General-purpose input/output (GPIO) pin. Can be configured as a clock output for the 1.2288-MHz internal
clock or as a timer. In Hi-Z if not driven. An external pullup or pulldown resistor is required.
GPIO1/
CD
3
DO/DI
General-purpose input/output (GPIO) pin. Configured as a carrier detect output at power up. A logic high on
this pin indicates a valid carrier is present. In Hi-Z if not driven. An external pullup or pulldown resistor is
required.
GPIO2/
UARTOUT
2
DO/DI
General-purpose input/output (GPIO) pin. Configured as UART data output at power up. This pin can be
configured to function as IRQ pin in SPI only mode. In Hi-Z if not driven. An external pullup or pulldown
resistor is required.
GPIO3/
UARTIN
1
DI/DO
General-purpose input/output (GPIO) pin. Configured as UART data input at power up. Connect to IOVDD
or logic high if not used. An external pullup or pulldown resistor is required.
GPIO4/
SDO
9
DO/DI
General-purpose input/output (GPIO) pin. Can be configured as an SPI data output in SPI mode. Data are
output on the rising edge of SCLK when CS is low. Interrupt request (IRQ) pin in the UART break mode
(UBM). The output is in Hi-Z at power up and must be enabled in the CONFIG register. An external pullup or
pulldown resistor is required.
GPIO5/
SDI
8
DI/DO
General-purpose input/output (GPIO) pin. Configured as an SPI data input at power up. Data are clocked
into the 24-bit input shift register on the falling edge of the serial clock input. SDI is a Schmitt-trigger logic
input. An external pullup or pulldown resistor is required.
GPIO6/
CS
10
DI/DO
General-purpose input/output (GPIO) pin. Configured as an SPI chip-select input at power up. Data bits are
clocked into the serial shift register when CS is low. When CS is high, SDO is in Hi-Z and data on SDI are
ignored. An external pullup or pulldown resistor is required.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com