Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 80 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 76Page - Texas Instruments AFEX82H1 Datasheet HTML 77Page - Texas Instruments AFEX82H1 Datasheet HTML 78Page - Texas Instruments AFEX82H1 Datasheet HTML 79Page - Texas Instruments AFEX82H1 Datasheet HTML 80Page - Texas Instruments AFEX82H1 Datasheet HTML 81Page - Texas Instruments AFEX82H1 Datasheet HTML 82Page - Texas Instruments AFEX82H1 Datasheet HTML 83Page - Texas Instruments AFEX82H1 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 115 page
background image
7.1.19 TEMP_THRESHOLD Register (Offset = 14h) [Reset = FF00h]
Return to the Register Map.
Table 7-21. TEMP_THRESHOLD Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
Hi
R/W
FFh
High Threshold for Channel TEMP {[11:4],4b1111}
This value is compared (>) against TEMP data bits[11:0].
7-0
Lo
R/W
0h
Low Threshold for Channel TEMP {[11:4],4b0000}
This value is compared (<) against TEMP data bits[11:0].
7.1.20 FIFO_U2H_WR Register (Offset = 15h) [Reset = 0000h]
Return to the Register Map.
This register controls the HART to microcontroller FIFO buffer.
Table 7-22. FIFO_U2H_WR Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
RESERVED
R
0h
8
PARITY
WO
0h
Parity
Odd parity bit to be transmitted with data. This field can only be
written by SPI and affects the FIFO when CONFIG.UART_DIS = 1.
Otherwise writes to this register are ignored.
7-0
DATA
WO
0h
Data Byte
This field can only be written by SPI and affects the FIFO when
CONFIG.UART_DIS = 1. Otherwise writes to this register are
ignored.
7.1.21 UBM Register (Offset = 16h) [Reset = 0000h]
Return to the Register Map.
Table 7-23. UBM Register Field Descriptions
Bit
Field
Type
Reset
Description
15-1
RESERVED
R
0h
0
REG_MODE
R/W
0h
Register Mode
Configure the rest of the Register Map to be accessed by UART
break mode (UBM) or SPI. This register can only be written by the
UART Break communication.
0h = SPI Mode (default)
1h = UART Break Mode
7.1.22 SCRATCH Register (Offset = 18h) [Reset = FFFFh]
Return to the Register Map.
Table 7-24. SCRATCH Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
DATA
R/W
FFFFh
Scratch Data
Data written is read back as the inverted value.
For example, writing 0xAAAA is read back as 0x5555.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
80
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com