Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 46 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 42Page - Texas Instruments AFEX82H1 Datasheet HTML 43Page - Texas Instruments AFEX82H1 Datasheet HTML 44Page - Texas Instruments AFEX82H1 Datasheet HTML 45Page - Texas Instruments AFEX82H1 Datasheet HTML 46Page - Texas Instruments AFEX82H1 Datasheet HTML 47Page - Texas Instruments AFEX82H1 Datasheet HTML 48Page - Texas Instruments AFEX82H1 Datasheet HTML 49Page - Texas Instruments AFEX82H1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 115 page
background image
When the CTS response is asserted, the data enqueued into FIFO_U2H are dequeued and transmitted onto the
MOD_OUT pin. If no data are enqueued into FIFO_U2H, the modulator starts transmitting the mark signal. The
beginning of the bit stream must meet the minimum bit times requirement to make sure there is enough time for
successful detection of the mark-to-space transition on the receiving side; see also Section 6.3.5.6.
The system controller is then required to maintain adequate an FIFO_U2H buffer level to avoid gap errors and
deassert the RTS at the end of bit stream with the correct timing delays; see also Section 6.3.5.6.
6.3.5.6 HART Modulator Timing and Preamble Requirements
The HART modulator starts modulating the carrier as soon as the CTS response is asserted. If data are
enqueued into FIFO_U2H before the CTS is asserted, make sure to enqueue the required preamble bytes at
the beginning of the data packet in accordance with Table 6-6. The first byte is used by the HART recipient
receiver to recognize the carrier and properly detect the mark-to-space transition of the start bit in the second
character. Alternatively, wait for CTS_ASSERT, and give an appropriate delay while the modulator is transmitting
the mark signal. Then enqueue the preamble bytes followed by the data bytes into FIFO_U2H. Monitor the level
of FIFO_U2H and timely enqueue the new data to avoid transmission gap errors.
Table 6-6. Carrier Detect and Preamble
HART
REQUIREMENT
FIFO_U2H STATE
AFEx82H1 BEHAVIOR
RECOMMENDED USE CASE
Transmit at least
6 bit times of
HART signal of
specified amplitude
for the carrier to
be detected by the
receiver.
FIFO_U2H is empty.
HART modulator starts sending mark
FSK signal as soon as CTS is asserted.
Wait at least 6 bit times from CTS assert before
transmitting first preamble byte. Calculate the
time to enqueue the data into FIFO_U2H based
on the interface mode used.
FIFO_U2H is preloaded
with data.
HART modulator starts sending
FIFO_U2H data as soon as CTS is
asserted.
Preload FIFO_U2H with one additional preamble
byte.
Depending on the interface mode, there is a latency from the UARTIN or CS pin to the MOD_OUT pin as a result
of using FIFO_U2H in the data path.
In the SPI plus UART and UBM modes, a delay of approximately 1.5 bit times (1.5 × tBAUDUART) occurs from
the stop bit on the UARTIN pin until the data are enqueued into FIFO_U2H as a result of data decoding and
synchronization. Figure 6-20 shows this timing.
Clear To Send
MOD_OUT
ST
B0
B1
B2
B3
B4
B5
B6
B7
P0
SP
ST
B0
B1
B2
B3
UART
Controller
Signal
UARTIN
CD
ST – Start bit (0x0)
B0-B7 – Data bits (0xFF)
~1.5 tBAUDUART bit times
FIFO Enqueuing Delay
RTS
P0 – Parity bit (0x1)
SP – Stop bit (0x1)
MOD_OUT
Digital
Automatic ‘mark’ transmission
Wait for HART
transmit priority
Transmit Available
mark-to-space transition
~11 tBAUDUART bit times
ST
B0-B7 – Data bits
Figure 6-20. HART Transmit Start Timing Diagram (UART Mode)
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com