Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 54 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 54 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 50Page - Texas Instruments AFEX82H1 Datasheet HTML 51Page - Texas Instruments AFEX82H1 Datasheet HTML 52Page - Texas Instruments AFEX82H1 Datasheet HTML 53Page - Texas Instruments AFEX82H1 Datasheet HTML 54Page - Texas Instruments AFEX82H1 Datasheet HTML 55Page - Texas Instruments AFEX82H1 Datasheet HTML 56Page - Texas Instruments AFEX82H1 Datasheet HTML 57Page - Texas Instruments AFEX82H1 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 115 page
background image
The list of registers covered by the RBIST is listed in Table 6-9. Not all registers feature the RBIST.
Table 6-9. List of Registers Covered by RBIST
ADDR
(HEX)
REGISTER
RESET
(HEX)
01h
DAC_DATA
0000h
02h
CONFIG
0036h
03h
DAC_CFG
0B00h
04h
DAC_GAIN
8000h
05h
DAC_OFFSET
0000h
06h
DAC_CLR_CODE
0000h
08h
ADC_CFG
8810h
09h
ADC_INDEX_CFG
0080h
0Bh
SPECIAL_CFG
0000h
0Dh
RESERVED
0100h
0Eh
MODEM_CFG
0040h
0Fh
FIFO_CFG
00F0h
10h
ALARM_ACT
8020h
11h
WDT
0018h
12h
AIN0_THRESHOLD
FF00h
13h
AIN1_THRESHOLD
FF00h
14h
TEMP_THRESHOLD
FF00h
1Bh
GPIO_CFG
00FFh
1Dh
ALARM_STATUS_MASK
EFDFh
1Eh
GEN_STATUS_MASK
FFFFh
1Fh
MODEM_STATUS_MASK
FFFFh
3Fh
RBIST_CRC
0000h
6.4.3 Reset
There are three reset mechanisms in the device: a power-on reset (POR), a RESET pin, and the SW_RST
command that can be sent through the either the SPI or by UBM.
When power is first applied to the device, a POR circuit holds the device in reset until all supplies reach
the specified operating voltages. The power-on reset returns the device to a known operating state in case
a brownout event occurs (when the supplies have dipped below the minimum operating voltages). The POR
starts all digital circuits in reset as the supply settles, and releases them to make sure that the device starts in
the default condition and loads the OTP memory. After the OTP memory has been loaded, the ALARM pin is
released. At this time, communication with the device is safe. This tPOR time is less than 100 µs.
The devices also have a RESET pin that is used as a hardware reset to the device. Send the RESET pin low for
a minimum of 100 ns (tRESET) to reset the device. A delay time of 10 μs (tRESETWAIT) is required before sending
the first serial interface command as the device latches and releases the reset. The release of the internal reset
state is synchronized to the internal clock. The RESET pin resets the SPI and the UART interfaces, the HART
FIFO buffer, the watchdog timer, the internal oscillator, and the device registers. RESET does not reload the
OTP memory.
The command to RESET.SW_RST = 0xAD resets the device as a software reset. The command is decoded at
the rising edge of CS with an SPI command or during the stop bit of the last character of a UBM frame. Set
UBM.REG_MODE again to put the device back into UBM when resetting the device in UBM. After sending the
RESET command, no delay time is required before sending the first serial interface command as the device
latches and releases the reset. The reset is synchronized to the falling edge of the internal clock and is released
well before the next rising edge. The ALARM pin pulses low for the width of the internal reset. This pulse
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
54
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com