Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 100 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 100 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 96Page - Texas Instruments AFEX82H1 Datasheet HTML 97Page - Texas Instruments AFEX82H1 Datasheet HTML 98Page - Texas Instruments AFEX82H1 Datasheet HTML 99Page - Texas Instruments AFEX82H1 Datasheet HTML 100Page - Texas Instruments AFEX82H1 Datasheet HTML 101Page - Texas Instruments AFEX82H1 Datasheet HTML 102Page - Texas Instruments AFEX82H1 Datasheet HTML 103Page - Texas Instruments AFEX82H1 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 115 page
background image
8.2.1.2.1 Current Loop Control
The DAC of the AFE882H1 sets an output voltage from 0 V to 2.5 V. Figure 8-4 shows the V-to-I circuit that sets
the loop current from the DAC output voltage.
+
–
GND
3.0 V
0.1 μF
GND
220 pF
4.99 k
20
GND
20 k
20 k
GND
100 k
20 k
22 nF
GND
1000 pF
12 k
412 k
VREFIO
2.2 µF
GND
GND
TPS7A0533
OUT
NC
IN
EN
GND
5
4
1
3
3.0 V
5
4
1
3
2
2
VOUT
LOOP–
LOOP+
4.7 V
19
18
AFE882H1
Q1
Q2
Figure 8-4. Current Loop Control for the AFE882H1 Transmitter
In this circuit, the loop current is set by the addition of the currents of V-to-I conversion from the output of
VREFIO and the DAC VOUT. The current generated from these AFE882H1 outputs are analyzed separately.
First, the voltage from VREFIO is placed across a 412-kΩ resistor. This 1.25-V reference voltage creates a
current that is directed into the summing node of an OPA333 amplifier that is set to ground. The voltage at
LOOP– contributed from this current is calculated in Equation 10.
VLOOP–= –VVREFIO
412kΩ ×20kΩ= –1.25V×0.04854= –0.06068V
(10)
From the feedback of the OPA333, the loop voltage from Equation 10 is placed across the 20-Ω resistor and sets
the current through the loop as Equation 11 shows.
ILOOP_VREFIO= –VLOOP–
20Ω + –VLOOP–
20kΩ = 0.06068V× 120Ω + 120kΩ = 3.037mA
(11)
This 3-mA current acts as a starting current for the loop. When the AFE882H1 DAC output is 0 V, this is the
current on the loop.
In addition to this initial current, the AFE882H1 DAC output also controls the loop current. The VOUT voltage
is set across 120 kΩ of resistance (from the 20 kΩ plus 100 kΩ of series resistance). The opposite end of the
120 kΩ of resistance is set to ground by the feedback of the OPA333. Similar to the calculations in Equation 10
and Equation 11, the voltage at VOUT sets a loop current, as Equation 12 and Equation 13 show.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
100
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com