Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 103 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 103 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 99Page - Texas Instruments AFEX82H1 Datasheet HTML 100Page - Texas Instruments AFEX82H1 Datasheet HTML 101Page - Texas Instruments AFEX82H1 Datasheet HTML 102Page - Texas Instruments AFEX82H1 Datasheet HTML 103Page - Texas Instruments AFEX82H1 Datasheet HTML 104Page - Texas Instruments AFEX82H1 Datasheet HTML 105Page - Texas Instruments AFEX82H1 Datasheet HTML 106Page - Texas Instruments AFEX82H1 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 115 page
background image
8.2.1.3 Application Curves
DAC Code
0
8192 16384 24576 32768 40960 49152 57344 65536
0
4
8
12
16
20
24
Figure 8-6. DAC Code to Loop Current
Figure 8-7. RTS Start Timing
Time (1 ms/div)
MOD_OUT (100 mV/div)
RTS (2 V/div)
Figure 8-8. RTS Stop Timing
Time (1 ms/div)
MOD_OUT (100 mV/div)
CD (2 V/div)
Figure 8-9. CD Start Timing
Time (1 ms/div)
MOD_OUT (100 mV/div)
CD (2 V/div)
Figure 8-10. CD Stop Timing
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com