Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 91 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 91 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 87Page - Texas Instruments AFEX82H1 Datasheet HTML 88Page - Texas Instruments AFEX82H1 Datasheet HTML 89Page - Texas Instruments AFEX82H1 Datasheet HTML 90Page - Texas Instruments AFEX82H1 Datasheet HTML 91Page - Texas Instruments AFEX82H1 Datasheet HTML 92Page - Texas Instruments AFEX82H1 Datasheet HTML 93Page - Texas Instruments AFEX82H1 Datasheet HTML 94Page - Texas Instruments AFEX82H1 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 115 page
background image
7.1.40 FIFO_STATUS Register (Offset = 2Bh) [Reset = 0202h]
Return to the Register Map.
The FIFO_STATUS register is provided to allow the user to view the state of both FIFOs without enqueuing or
dequeuing data in the FIFO. This also allows the flags to be viewed without disturbing other status bits in the
MODEM_STATUS register. This register is provided to enable users to check the FIFO status register without
disturbing other functions within the device.
Table 7-42. FIFO_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
H2U_LEVEL
R
0h
HART-to-µC FIFO Level
Current level of FIFO_H2U, right shifted 1 bit (>>1) so only even
counts are represented.
11
H2U_LEVEL_FLAG
R
0h
HART-to-µC FIFO Level Flag
Set when FIFO Level > {Level,1b1}.
0h = FIFO_H2U level ≤ {Level, 1b1}
1h = FIFO_H2U level > {Level, 1b1}
10
H2U_FULL_FLAG
R
0h
HART-to-µC FIFO Full Flag
Set when FIFO is full.
0h = FIFO_H2U is not full
1h = FIFO_H2U is full
9
H2U_EMPTY_FLAG
R
1h
HART-to-µC Empty Flag
Set when FIFO is empty.
0h = FIFO_H2U is not empty
1h = FIFO_H2U is empty
8
RESERVED
R
0h
7-4
U2H_LEVEL
R
0h
µC-to-HART FIFO Level
Current level of FIFO_U2H, right shifted 1 bit (>>1) so only even
counts are represented
3
U2H_LEVEL_FLAG
R
0h
µC-to-HART FIFO Level Flag
Set when FIFO_U2H Level < {Level,1b0}.
0h = FIFO_U2H level ≥ {Level, 1b0}
1h = FIFO_U2H level < {Level, 1b0}
2
U2H_FULL_FLAG
R
0h
µC-to-HART Full Flag
Set when FIFO_U2H is full.
0h = FIFO_U2H is not full
1h = FIFO_U2H is full
1
U2H_EMPTY_FLAG
R
1h
µC-to-HART Empty Flag
Set when FIFO_U2H is empty.
0h = FIFO_U2H is not empty
1h = FIFO_U2H is empty
0
RESERVED
R
0h
7.1.41 DAC_OUT Register (Offset = 2Ch) [Reset = 0000h]
Return to the Register Map.
Table 7-43. DAC_OUT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
DATA
R
0h
DAC Code Applied to the Analog Circuit
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com