Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 10 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 6Page - Texas Instruments AFEX82H1 Datasheet HTML 7Page - Texas Instruments AFEX82H1 Datasheet HTML 8Page - Texas Instruments AFEX82H1 Datasheet HTML 9Page - Texas Instruments AFEX82H1 Datasheet HTML 10Page - Texas Instruments AFEX82H1 Datasheet HTML 11Page - Texas Instruments AFEX82H1 Datasheet HTML 12Page - Texas Instruments AFEX82H1 Datasheet HTML 13Page - Texas Instruments AFEX82H1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
5.5 Electrical Characteristics (continued)
all minimum and maximum values at TA = –40°C to +125°C and all typical values at TA = 25°C, PVDD = IOVDD = 3.3 V,
external or internal VREFIO = 1.25 V, RLOAD = 50 kΩ to GND, CLOAD = 100 pF to GND, and digital inputs at IOVDD or GND
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER REQUIREMENTS
IPVDD
Current flowing into PVDD
DAC at zero-scale, SPI static
180
220
µA
IREFIO
Internal reference current consumption
52
70
µA
IHART
HART Tx modem current consumption
10
µA
IADC
ADC current consumption
ADC converting at 3.84 kSPS
10
µA
CVDD
Recommended VDD decoupling capacitance
1
10
µF
IIOVDD
Current flowing into IOVDD
SPI static
10
25
µA
IVREFIO
Current flowing into VREFIO
DAC at midscale code
10
µA
(1)
End point fit between code 512 to code 65,535 for 16-bit, code 128 to code 16,383 for 14-bit, DAC output unloaded, performance
under resistive and capacitive load conditions are specified by design and characterization.
(2)
Not production tested. Design target.
(3)
Not production tested. Derived from the characterization data.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com