Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 64 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 60Page - Texas Instruments AFEX82H1 Datasheet HTML 61Page - Texas Instruments AFEX82H1 Datasheet HTML 62Page - Texas Instruments AFEX82H1 Datasheet HTML 63Page - Texas Instruments AFEX82H1 Datasheet HTML 64Page - Texas Instruments AFEX82H1 Datasheet HTML 65Page - Texas Instruments AFEX82H1 Datasheet HTML 66Page - Texas Instruments AFEX82H1 Datasheet HTML 67Page - Texas Instruments AFEX82H1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 115 page
background image
6.5.4 UART Interface
In UART mode, the device expects 1 start bit, 8 data bits, 1 odd parity bit, and 1 stop bit, or an 8O1 UART
character format.
When using SPI to communicate with the registers, and only using UART for HART communication, use 1200
baud. The baud must have ±1% accuracy.
6.5.4.1 UART Break Mode (UBM)
In UART break mode (UBM), the microcontroller issues a UART break to start communication. The device
interprets the UART break as the start to receive commands from the UART. A communication UART character
consists of one start bit, eight data bits, one odd parity bit, and at least one stop bit. A UART break character
is all 11 bits (including start, data, parity and stop bit) held low by the microcontroller on the UARTIN pin
and by the AFEx82H1 on the UARTOUT pin. When a valid break character is detected on UARTIN by the
AFEx82H1, no parity (even though parity is odd) or stop bit errors are flagged for this character. The parity and
stop bit differences between valid UBM break and communication characters must be managed by the system
microcontroller when receiving these characters from the UARTOUT pin of the AFEx82H1. See Figure 5-2 for
UBM break character, communication timing details, and bit order.
Two baud rates are supported for UART communication: 9600 and 1200. The 9600 baud rate is default for UBM.
The 1200 baud rate is supported to maintain backward compatibility and requires the use of SPI to communicate
with the register map; whereas, the UART pins are used only for HART communication. The baud rates are
selected by register bit CONFIG.UART_BAUD. When CONFIG.UART_BAUD = 1 (default), the UART operates
at 9600 baud. When CONFIG.UART_BAUD = 0, the UART operates at 1200 baud. The break function of the
UART protocol is enabled only for 9600 baud. This configuration allows interleaving of HART data with register
communication and enables the access to all registers of the device, when configured correctly.
Set UBM.REG_MODE = 1 to enable register map access through the UART. By default, this bit is set to 0. The
entire register map can only be accessed with SPI, except for the UBM register. The UBM register can only be
accessed with UBM. After UBM.REG_MODE is set to 1, the SPI does not have access to the register map, and
the full register map is accessible by UBM.
A UBM data output packet is initiated by AFEx82H1 on UARTOUT in two cases. See Figure 6-33 for packet
structure details. If the R/IRQn status bit is 0 an IRQ event initiated the break command. If the R/IRQn status
bit is 1, the break command is a response to the prior read request. For details on HART data see Section
6.5.4.1.1.
To enable IRQ events, set CONFIG.UBM_IRQ_EN = 1. When IRQ is enabled, the AFEx82H1 triggers a break
command followed by data on UARTOUT (see Figure 6-33).
The contents of the data are listed in order of priority below.
1. If ALARM_IRQ bit is set, then the contents of the ALARM_STATUS register are output.
2. If GEN_IRQ is set, then the contents of the GEN_STATUS register are output.
3. If MODEM_IRQ bit is set, then the contents of the MODEM_STATUS register are output.
4. If none of the previous bits are set, then an IRQ is not generated.
A break byte is followed by three bytes. These three bytes have information identical to the SPI frame without
the CRC (see Figure 6-30). The CRC cannot be enabled for UBM. All communication characters on the UART
bus are transmitted least significant data bit (D0) first.
Figure 6-31 shows the data structure of the UBM write command, and Figure 6-32 shows the data structure of
the UBM read command.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
64
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com