Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 44 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 40Page - Texas Instruments AFEX82H1 Datasheet HTML 41Page - Texas Instruments AFEX82H1 Datasheet HTML 42Page - Texas Instruments AFEX82H1 Datasheet HTML 43Page - Texas Instruments AFEX82H1 Datasheet HTML 44Page - Texas Instruments AFEX82H1 Datasheet HTML 45Page - Texas Instruments AFEX82H1 Datasheet HTML 46Page - Texas Instruments AFEX82H1 Datasheet HTML 47Page - Texas Instruments AFEX82H1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 115 page
background image
6.3.5.3 HART Demodulator
The HART demodulator converts the HART FSK input signals applied at the HART input pins (RX_IN and
RX_INF) to binary data that are enqueued into the receive FIFO (FIFO_H2U). Data from the FIFO_H2U
can then be dequeued by the host controller using the SPI or output on UARTOUT. Figure 6-19 shows the
HART demodulator architecture. The AFEx82H1 supports two different input bandpass filter modes: internal and
external.
In internal filter mode, the HART input signal is connected to the RX_IN pin through the high-pass filter capacitor.
In this mode, the low-pass filter capacitor is connected to the RX_INF pin.
In external filter mode, the band-pass filter is implemented with external components for better flexibility, and the
resulting band-pass-filtered signal is connected to the RX_INF pin. In this mode, float the RX_IN pin.
Use the MODEM_CFG.RX_EXFILT_EN bit to select between these two modes, depending on the external
band-pass filter implementation and HART input signal connection.
The input band-pass filter (either fully external or partially internal with external capacitors and internal resistors)
is followed by the internal second-order high-pass filter and the internal second-order low-pass filter. To enable
the second-order low-pass filter, use the MODEM_CFG.RX_HORD_EN bit.
1
st LPF + 1st HPF
=> 2
nd BPF
2
nd HPF
2
nd LPF
Data
Quantizer
Carrier Detection
Quantizer
Amplitude
Threshold
HART
Demodulator
Carrier Detection
Output
Demodulated
Data Out
HART_RX
MODEM_CFG.RX_HORD_EN
0
1
MODEM_CFG.RX_EXTFILT_EN
To
2
nd HPF
Internal Filter Mode
External Filter Mode
RX_IN
RX_INF
VDD
AFE
HART_RX
GND
RX_IN
RX_INF
VDD
GND
HART_RX
To
2
nd HPF
GND
AFE
Figure 6-19. HART Demodulator Architecture
The HART demodulator asserts a carrier detect (CD) signal, when a carrier-above-threshold level is detected.
Hysteresis is implemented with the carrier-detect feature to prevent erroneous carrier-detection signals. The
glitch-free CD signal is available internally to the arbiter and externally to the system controller on the CD pin.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
44
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com