Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 77 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 77 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 73Page - Texas Instruments AFEX82H1 Datasheet HTML 74Page - Texas Instruments AFEX82H1 Datasheet HTML 75Page - Texas Instruments AFEX82H1 Datasheet HTML 76Page - Texas Instruments AFEX82H1 Datasheet HTML 77Page - Texas Instruments AFEX82H1 Datasheet HTML 78Page - Texas Instruments AFEX82H1 Datasheet HTML 79Page - Texas Instruments AFEX82H1 Datasheet HTML 80Page - Texas Instruments AFEX82H1 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 115 page
background image
7.1.13 MODEM_CFG Register (Offset = Eh) [Reset = 0040h]
Return to the Register Map.
Table 7-15. MODEM_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Tx2200Hz
R/W
0h
Transmit 2200 Hz Only
By not sending data to the FIFO buffer and asserting RTS, the user can transmit
multiples of 1200 Hz as long as RTS is asserted. By setting this bit the user can transmit
multiples of 2200 Hz. Setting this bit prevents data in the FIFO buffer from being correctly
transmitted. If using this bit there is no need to use the FIFO buffer.
0h = Transmit 1200 Hz and 2200 Hz (default)
1h = Transmit only 2200 Hz
14-13 RESERVED
R
0h
12
DUPLEX_EXT
R/W
0h
Duplex External Mode
Allows full duplex mode but expects the connection of MOD_OUT to RX_IN to be made
externally.
0h = Internal duplex connection (default)
1h = External duplex connection
11
RX_HORD_EN
R/W
0h
High Order Filter Enable
Enables a higher order filter on HART_RX.
0h = Disable (default); 1h = Enable
10
RX_EXTFILT_EN
R/W
0h
External Filter Enable
Enables the use of an external filter for HART_RX. If enabled, then connect the HART
signal to RX_INF.
0h = Use internal filter (default); 1h = Use external filter
9
TxRES
R/W
0h
HART Transmit Resolution
0h = 32 steps per period (default) at 38.4 kHz update rate for 1200 baud
1h = 128 steps per period at 153.6 kHz update rate for 1200 baud
128-step per period waveform consumes more power.
8-4
TxAMP
R/W
4h
Transmit Amplitude
HART Tx amplitude.
00h = 400 mVPP; 01h = 425 mVPP
02h = 450 mVPP; 03h = 475 mVPP
04h = 500 mVPP (default); 05h = 525 mVPP
06h = 550 mVPP; 07h = 575 mVPP
08h = 600 mVPP; 09h = 625 mVPP
0Ah = 650 mVPP; 0Bh = 675 mVPP
0Ch = 700 mVPP; 0Dh = 725 mVPP
0Eh = 750 mVPP; 0Fh = 775 mVPP
10h through 1Fh = 800 mVPP
3
HART_EN
R/W
0h
HART Enable
Enable the HART Tx and Rx.
0h = Disable (default); 1h = Enable
2
DUPLEX
R/W
0h
Duplex Mode
Enable internal connection of Tx to Rx for debug and testing.
0h = Normal operation (default); 1h = Duplex enabled
1
TxHPD
R/W
0h
HART Tx DAC Output Buffer Hi-Z in Rx Mode or When Disabled
0h = HART Tx DAC output is set to midcode with 50 kΩ output impedance (default)
1h = HART Tx DAC is Hi-Z in Rx mode or when disabled. Users can set the default
voltage level with an external circuit.
0
RTS
R/W
0h
Request To Send Starts transmitting a carrier on MOD_OUT pin.
0h = No action (default)
1h = Request to send. Device starts modulating the MOD_OUT pin if CD = 0.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com