Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 98 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 98 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 94Page - Texas Instruments AFEX82H1 Datasheet HTML 95Page - Texas Instruments AFEX82H1 Datasheet HTML 96Page - Texas Instruments AFEX82H1 Datasheet HTML 97Page - Texas Instruments AFEX82H1 Datasheet HTML 98Page - Texas Instruments AFEX82H1 Datasheet HTML 99Page - Texas Instruments AFEX82H1 Datasheet HTML 100Page - Texas Instruments AFEX82H1 Datasheet HTML 101Page - Texas Instruments AFEX82H1 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 115 page
background image
8.2.1 4-mA to 20-mA Current Transmitter
+
–
GND
+3.3 V
0.1 μF
GND
220 pF
4.99 k
20
GND
20 k
499 k
1000 pF
20 k
GND
100 k
20 k
22 nF
GND
680 pF
1000 pF
1000 pF
12 k
412 k
1 k
VREFIO
2200 pF
PVDD
2.2 µF
GND
GND
TPS7A0533
OUT
NC
IN
EN
GND
5
4
1
3
+3.3 V
1000 pF
1
2
5
4
1
3
2
2
IOVDD
PVDD
VDD
0.1 µF
GND
0.1 µF
GND
0.1 µF
GND
0.1 µF
GND
VREFIO
REF_EN
RESET
SCLK
GPIO5/SDI
GPIO4/SDO
GPIO6/CS
GPIO3/UARTIN
GPIO2/UARTOUT
RTS
GPIO1/CD
GND
REF_GND
GND
GND
GPIO0/CLK_OUT
ALARM
MOD_OUT
RX_INF
VOUT
POL_SEL/AIN1
AIN0
AFE882H1
+3.3 V
IOVDD
PVDD
IOVDD
PVDD
VREFIO
GND
AIN0
GND
+3.3 V
0.1 μF
GND
5
4
1
3
2
40.2 k
40.2 k
GND
AIN0
RX_IN
LOOP–
LOOP+
4.7 V
Ferrite
Bead
Q1
Q2
Ferrite
Bead
GND
OPA333
OPA333
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VDD
UARTOUT
CD
RTS
UARTIN
SCLK
SDI
SDO
CS
REF_EN
RESET
ALARM
4-mA to
20-mA
Input
Terminals
Figure 8-2. AFEx82H1 in a 4-mA to 20-mA Current Transmitter
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
98
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com