Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 9 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 5Page - Texas Instruments AFEX82H1 Datasheet HTML 6Page - Texas Instruments AFEX82H1 Datasheet HTML 7Page - Texas Instruments AFEX82H1 Datasheet HTML 8Page - Texas Instruments AFEX82H1 Datasheet HTML 9Page - Texas Instruments AFEX82H1 Datasheet HTML 10Page - Texas Instruments AFEX82H1 Datasheet HTML 11Page - Texas Instruments AFEX82H1 Datasheet HTML 12Page - Texas Instruments AFEX82H1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 115 page
background image
5.5 Electrical Characteristics (continued)
all minimum and maximum values at TA = –40°C to +125°C and all typical values at TA = 25°C, PVDD = IOVDD = 3.3 V,
external or internal VREFIO = 1.25 V, RLOAD = 50 kΩ to GND, CLOAD = 100 pF to GND, and digital inputs at IOVDD or GND
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE INPUT
ZVREFIO
Reference input impedance (VREFIO)
125
kΩ
CVREFIO Reference input capacitance (VREFIO)
100
pF
VOLTAGE REFERENCE OUTPUT
Output (initial accuracy)(3)
TA = 25°C
1.248
1.25
1.252
V
Output drift(3)
TA = –40°C to +125°C
10
ppm/
℃
Output impedance(3)
0.1
Ω
Output noise(3)
0.1 Hz to 10 Hz
7.5
µVPP
Output noise density(3)
Measured at 10 kHz, reference load = 100 nF
200
nV/√Hz
Load current(3)
Sourcing, 0.1% VREF change from nominal
2.5
mA
Sinking, 0.1% VREF change from nominal
0.3
Load regulation(3)
Sourcing, 0 mA to 2.5 mA
4
µV/mA
COUT
Stable output capacitance
TA = –40°C to +125°C,
ESR from 10 mΩ to 400 mΩ
70
100
130
nF
Line regulation(3)
100
µV/V
Output voltage drift vs time(3)
TA = 35°C, 1000 hours
±100
ppm
Thermal hysteresis(3)
1st cycle
500
µV
Additional cycles
25
µV
VDD VOLTAGE REGULATOR OUTPUT
Output voltage
1.71
1.8
1.89
V
Output impedance(3)
Sourcing, 0.5 mA to 2.5 mA
3
Ω
Load current(3)
Sourcing, 1% VDD change from nominal
4
mA
THERMAL ALARM
Alarm trip point
130
°C
Warning trip point
85
°C
Hysteresis
12
°C
Trip point absolute accuracy
5
°C
Trip point relative accuracy
2
°C
DIGITAL INPUT CHARACTERISTICS
VIH
High-level input voltage
0.7
V/IOVDD
VIL
Low-level input voltage
0.3
V/IOVDD
Hysteresis voltage
0.05
V/IOVDD
Input current
–1.56
1.56
µA
Pin capacitance
Per pin
10
pF
DIGITAL OUTPUT CHARACTERISTICS
VOH
High-level output voltage
ISOURCE = 1 mA
0.8
V/IOVDD
VOL
Low-level output voltage
ISINK = 1 mA
0.2
V/IOVDD
VOL
Open-drain low-level output voltage
ISINK = 2 mA
0.3
V
Output pin capacitance
10
pF
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com