Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 88 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 88 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 84Page - Texas Instruments AFEX82H1 Datasheet HTML 85Page - Texas Instruments AFEX82H1 Datasheet HTML 86Page - Texas Instruments AFEX82H1 Datasheet HTML 87Page - Texas Instruments AFEX82H1 Datasheet HTML 88Page - Texas Instruments AFEX82H1 Datasheet HTML 89Page - Texas Instruments AFEX82H1 Datasheet HTML 90Page - Texas Instruments AFEX82H1 Datasheet HTML 91Page - Texas Instruments AFEX82H1 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 115 page
background image
7.1.32 MODEM_STATUS Register (Offset = 22h) [Reset = 009Ah]
Return to the Register Map.
Table 7-34. MODEM_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
ALARM_IRQ
R
0h
Alarm IRQ OR of all the unmasked bits in the ALARM_STATUS register.
0h = All of the unmasked bits of the ALARM_STATUS register are low
1h = At least one of the unmasked bits in the ALARM_STATUS register is high
14
GEN_IRQ
R
0h
General IRQ OR of all the unmasked bits in the GEN_STATUS register.
0h = All of the unmasked bits of the GEN_STATUS register are low
1h = At least one of the unmasked bits in the GEN_STATUS register is high
13
RESERVED
R
0h
12
GAP_ERR
R
0h
HART Gap Error. Maskable fault. Applies to RX_IN/RX_INF.
Too much time (11 bit times) between HART characters.
Sticky, cleared by reading register, unless condition still persist. Fatal Fault.
0h = No HART gap error; 1h = HART gap error
11
FRAME_ERR
R
0h
Incorrect Stop Bit in HART Character. Maskable fault. Applies to RX_IN/RX_INF.
Sticky, cleared by reading register, unless condition still persist. Fatal Fault.
0h = No HART frame error; 1h = HART frame error
10
PARITY_ERR
R
0h
Incorrect Parity (ODD) Bit in HART Character. Maskable fault. Applies to RX_IN/RX_INF.
Sticky, cleared by reading register, unless condition still persist.
0h = No HART parity error; 1h = HART parity error
9
FIFO_H2U_
LEVEL_FLAG
R
0h
FIFO HART-to-µC Level Flag. Maskable fault.
If the level of the FIFO_H2U is full, then the level flag is not asserted, but the full flag is,
so no information is lost.
0h = FIFO_H2U level ≤ {FIFO_CFG.H2U_LEVEL_SET[3:0], 1b1}
1h = FIFO_H2U level > {FIFO_CFG.H2U_LEVEL_SET[3:0], 1b1}
8
FIFO_H2U_
FULL_FLAG
R
0h
FIFO HART-to-µC Full Flag. Maskable fault.
0h = FIFO_H2U is not full; 1h = FIFO_H2U is full
7
FIFO_H2U_
EMPTY_FLAG
R
1h
FIFO HART-to-µC Empty Flag. Maskable fault.
0h = FIFO_H2U is not empty; 1h = FIFO_H2U is empty
6
FIFO_U2H_
LEVEL_FLAG
R
0h
FIFO µC-to-HART Level Flag. Maskable fault.
FIFO_U2H < {FIFO_CFG.U2H_LEVEL_SET[3:0], 1b0}. When the FIFO_U2H is empty,
this flag is set unless FIFO_CFG.U2H_LEVEL_SET = 0. This flag and the empty flag can
be set at the same time.
0h = FIFO_U2H level ≥ {FIFO_CFG.U2H_LEVEL_SET[3:0], 1b0}
1h = FIFO_U2H level < {FIFO_CFG.U2H_LEVEL_SET[3:0], 1b0}
5
FIFO_U2H_
FULL_FLAG
R
0h
FIFO µC-to-HART Full Flag. Maskable fault.
0h = FIFO_U2H is not full; 1h = FIFO_U2H is full
4
FIFO_U2H_
EMPTY_FLAG
R
1h
FIFO µC-to-HART Empty Flag. Maskable fault.
0h = FIFO_U2H is not empty; 1h = FIFO_U2H is empty
3
CD_DEASSERT
R
1h
Carrier Detect Deasserted. Maskable fault.
Sticky, cleared by reading register, unless condition still persist.
0h = Carrier detect is asserted; 1h = Carrier detect is deasserted
2
CD_ASSERT
R
0h
Carrier Detect Asserted. Maskable fault.
Sticky, cleared by reading register, unless condition still persist.
0h = Carrier detect is deasserted; 1h = Carrier detect is asserted
1
CTS_DEASSERT
R
1h
Clear To Send Deasserted. Maskable fault.
Sticky, cleared by reading register, unless condition still persist.
0h = Clear to send is asserted; 1h = Clear to send is deasserted
0
CTS_ASSERT
R
0h
Clear To Send Asserted. Maskable fault.
Sticky, cleared by reading register, unless condition still persist.
0h = Clear to send is deasserted; 1h = Clear to send is asserted
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
88
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com