Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 38 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 34Page - Texas Instruments AFEX82H1 Datasheet HTML 35Page - Texas Instruments AFEX82H1 Datasheet HTML 36Page - Texas Instruments AFEX82H1 Datasheet HTML 37Page - Texas Instruments AFEX82H1 Datasheet HTML 38Page - Texas Instruments AFEX82H1 Datasheet HTML 39Page - Texas Instruments AFEX82H1 Datasheet HTML 40Page - Texas Instruments AFEX82H1 Datasheet HTML 41Page - Texas Instruments AFEX82H1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 115 page
background image
6.3.3.6 ADC Alarm Function
The AFEx82H1 provide independent out-of-range detection for each of the ADC inputs. Figure 6-13 shows the
out-of-range detection block. When the measurement is out of range, the corresponding alarm bit is set to flag
the out-of-range condition.
AIN0_THRESHOLD [15:8]
AIN1_THRESHOLD [15:8]
TEMP_THRESHOLD [15:8]
Register 12h, 13h, 14h
Upper threshold
AIN0_THRESHOLD [7:0]
AIN1_THRESHOLD [7:0]
TEMP_THRESHOLD [7:0]
Register 12h, 13h, 14h
Lower threshold
+
–
ADC conversion value
+
–
ALARM_STATUS
ADC_AIN0_FLT,
ADC_AIN1_FLT,
ADC_TMP_FLT
Register 20h [3],[4],[2]
Figure 6-13. ADC Out-of-Range Alarm
An alarm event is only registered when the monitored signal is out of range for N number of consecutive
conversions, where N is configured in the ADC_CFG.FLT_CNT false alarm register settings. If the monitored
signal returns to the normal range before N consecutive conversions, an alarm event is not issued.
If an ADC input signal is out of range and the alarm is enabled, then the corresponding alarm bit is set to
1. However, the alarm condition is cleared only when the conversion result returns to a value less than the
high-limit register setting and greater than the low-limit register setting by the number of codes specified by the
hysteresis setting (see Figure 6-14). The hysteresis is a programmable value between 0 LSB to 127 LSB in the
ADC_CFG.HYST register.
High Threshold
Low Threshold
Over High Alarm
Below Low Alarm
Hysteresis
Hysteresis
Figure 6-14. ADC Alarm Hysteresis
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
38
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com