Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 41 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 37Page - Texas Instruments AFEX82H1 Datasheet HTML 38Page - Texas Instruments AFEX82H1 Datasheet HTML 39Page - Texas Instruments AFEX82H1 Datasheet HTML 40Page - Texas Instruments AFEX82H1 Datasheet HTML 41Page - Texas Instruments AFEX82H1 Datasheet HTML 42Page - Texas Instruments AFEX82H1 Datasheet HTML 43Page - Texas Instruments AFEX82H1 Datasheet HTML 44Page - Texas Instruments AFEX82H1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 115 page
background image
6.3.5 HART Interface
On the AFEx82H1, a HART frequency-shift keyed (FSK) signal can be modulated onto the MOD_OUT pin.
Figure 6-16 illustrates the output current versus time operation for a typical HART interface.
Bit
Boundary
Phase
Continuous
2200 Hz
(space)
1200 Hz
(mark)
Time
5.5 mA
6.5 mA
6.0 mA
Bit Cell Time = 833 s
m
DC current = 6 mA
Figure 6-16. Output Current vs Time
To enable the HART interface, set the HART_EN bit in the MODEM_CFG register. An external capacitor, placed
in series between the RX_IN pin and HART FSK source, is required to ac-couple the HART FSK signal to the
RX_IN pin. The recommended capacitance for this external capacitor is 2.2 nF.
If additional filtering is required, the AFEx82H1 also support an external band-pass filter. For this configuration,
use the RX_INF pin instead of RX_IN pin.
6.3.5.1 FIFO Buffers
First-in, first-out (FIFO) buffers are used to transmit and receive HART data using both the SPI and UART. Both
the transmit FIFO (FIFO_U2H) and receive FIFO (FIFO_H2U) buffers are 32 rows and 9-bits wide. The 9-bit
width allows the storage of the parity bit with the data byte. Bit[8] is the parity bit as received by either the UART
or HART demodulator, depending on the direction of the data flow. The device does not calculate the parity bit
in this case, and transmits the data with the wrong parity bit if the wrong parity bit was received. Bits[7:0] are the
data.
The AFEx82H1 HART implementation is shown in Figure 6-17.
SCLK
MOD_OUT
RX_IN
RX_INF
CD
UARTIN
UARTOUT
RTS
IRQ
Transmit FIFO
(FIFO_U2H,
32 Positions,
9 Bits Wide)
Receive FIFO
(FIFO_H2U,
32 Positions,
9 Bits Wide)
Dequeue
Enqueue
Transmit
Modulator
Receive
Demodulator
SPI Interface
SDI
SDO
CS
Enqueue
FIFO_U2H_WR
FIFO_H2U_RD
Dequeue
Figure 6-17. HART Architecture
HART data bytes are enqueued into a transmit FIFO_U2H buffer using the SPI or UART. The input data bits are
translated into the mark (1200 Hz) and space (2200 Hz) FSK analog signals (see Figure 6-16) used in HART
communication by the internal HART transmit modulator. The receive demodulator enqueues HART data into
the receive FIFO_H2U buffer. An arbiter is implemented with signals to CD and from the RTS pins to manage
the HART physical connections on MOD_OUT, and either the RX_IN or RX_INF pin. To enable efficient and
error-free communication, the arbiter in conjunction with the two FIFO buffers can be used to produce an IRQ for
the system controller.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com