Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 71 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 67Page - Texas Instruments AFEX82H1 Datasheet HTML 68Page - Texas Instruments AFEX82H1 Datasheet HTML 69Page - Texas Instruments AFEX82H1 Datasheet HTML 70Page - Texas Instruments AFEX82H1 Datasheet HTML 71Page - Texas Instruments AFEX82H1 Datasheet HTML 72Page - Texas Instruments AFEX82H1 Datasheet HTML 73Page - Texas Instruments AFEX82H1 Datasheet HTML 74Page - Texas Instruments AFEX82H1 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 115 page
background image
7.1 AFEx82H1 Registers
Complex bit access types are encoded to fit into small table cells. The following table shows the codes that are
used for access types in this section.
Table 7-2. AFEx82H1 Access-Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
W
WO
Write only
W
WSC
Write self clear
Reset or Default Value
-n
Value after reset or the default value
Register Array Variables
i,j,k,l,m,n
When used in a register name, an offset, or an address, these variables refer to the value of a register array
where the register is part of a group of repeating registers. The register groups form a hierarchical structure
and the array is represented with a formula.
y
When used in a register name, an offset, or an address, this variable refers to the value of a register array.
7.1.1 NOP Register (Offset = 0h) [Reset = 0000h]
Return to the Register Map.
Table 7-3. NOP Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
NOP
WO
0h
No operation. Data written to this field have no effect. Always reads
zeros.
7.1.2 DAC_DATA Register (Offset = 1h) [Reset = 0000h]
Return to the Register Map.
DAC code for VOUT.
Table 7-4. DAC_DATA Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
DATA
R/W
0h
Data.
DAC code for VOUT.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com