Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 66 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 66 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 62Page - Texas Instruments AFEX82H1 Datasheet HTML 63Page - Texas Instruments AFEX82H1 Datasheet HTML 64Page - Texas Instruments AFEX82H1 Datasheet HTML 65Page - Texas Instruments AFEX82H1 Datasheet HTML 66Page - Texas Instruments AFEX82H1 Datasheet HTML 67Page - Texas Instruments AFEX82H1 Datasheet HTML 68Page - Texas Instruments AFEX82H1 Datasheet HTML 69Page - Texas Instruments AFEX82H1 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 115 page
background image
6.5.4.1.1 Interface With FIFO Buffers and Register Map
In UBM, the HART data characters are interleaved with break commands for register map access or interrupt
reporting.
The device reports parity and frame errors received on UARTIN. These status bits can be found in the
GEN_STATUS register and are maskable to create IRQ events.
Avoid the large gaps between the HART bytes. The HART standard has a gap specification of 11 bit times
(11 × tBAUDHART ms); therefore, gaps longer than 10.5 HART bit times (10.5 × tBAUDHART ms) can cause a gap
error in the HART modem.
The following timing diagrams illustrate examples of microcontroller communication with the device registers, as
well as HART transmit and receive data transfers.
µC
AFE
Tx
UARTIN
µC Tx to HART – Interleaved Register Write Breaks
H0
HART Character 0
HART Character 1
HART Character 2
H1
H2
B
W
R
D
D
MOD_OUT
B
W
R
D
D
B
W
R
D
D
B
W
R
D
D
HART Character 3
H3
H4
H – HART Character
B – Break Command Character
WR – Write Address Character
D – Data Byte Character
Figure 6-34. Interleaved HART Transmit With UBM Register Writes
µC
AFE
Tx
UARTIN
µC Tx to HART – Packed Register Write Breaks
H0
HART Character 0
HART Character 1
HART Character 2
H1
H2
B
W
R
D
D
MOD_OUT
B
W
R
D
D
B
W
R
D
D
B
W
R
D
D
B
W
R
D
D
¾ Character gap
H – HART Character
B – Break Command Character
WR – Write Address Character
D – Data Byte Character
Figure 6-35. Packed HART Transmit With UBM Register Writes
D
AFE
Tx
Rx
UARTIN
UARTOUT
µC Tx to HART – Interleaved Register Read Request and Response Breaks
H0
HART Character 0
HART Character 1
HART Character 2
D
H2
H1
B
R
D
B
R
D
B
S
T
S
B
S
T
S
D
D
MOD_OUT
HART Character 3
D
H3
B
R
D
B
S
T
S
D
µC
H – HART Character
B – Break Command Character
RD – Read Address Character
D – Data Byte Character
STS – Status Byte Character
Figure 6-36. Interleaved HART Transmit With UBM Register Read Requests and Responses
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
66
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com