Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 34 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 30Page - Texas Instruments AFEX82H1 Datasheet HTML 31Page - Texas Instruments AFEX82H1 Datasheet HTML 32Page - Texas Instruments AFEX82H1 Datasheet HTML 33Page - Texas Instruments AFEX82H1 Datasheet HTML 34Page - Texas Instruments AFEX82H1 Datasheet HTML 35Page - Texas Instruments AFEX82H1 Datasheet HTML 36Page - Texas Instruments AFEX82H1 Datasheet HTML 37Page - Texas Instruments AFEX82H1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 115 page
background image
6.3.2.6 Temperature Sensor
Channel 3 of the CCS is used to measure the die temperature of the device. The ADC measures an internal
temperature sensor that measures a voltage complementary to the absolute temperature (CTAT). This CTAT
voltage has a negative temperature coefficient. The ADC converts this voltage at a data rate of 2560 Hz. When
the ADC conversion is completed, the data are found in the ADC_TEMP.DATA bits (address 26h).
The relationship between the ambient temperature and the ADC code is shown in Equation 8:
ADCCode=2681−11×TA°C
(8)
6.3.2.7 Self-Diagnostic Multiplexer
In addition to the ADC offset, the two external monitoring inputs, and the temperature sensor, the ADC of the
AFEx82H1 has five other internal inputs to monitor the reference voltage, the power supplies, a static voltage,
and the DAC output. These five voltages measurements are part of the self-diagnostic multiplexer (SD0 to SD4)
measurements of the ADC, and are reported in the ADC_SD_MUX register at 27h; see also Section 7.
Channel 4 (SD0) measures the reference voltage of the device. The ADC measures the reference voltage
through a resistor divider (divide by two). Be aware that all ADC measurements are a function of the reference;
using SD0 to measure the reference is not revealing as a diagnostic measurement. The data rate for this
conversion is 2560 Hz and the range of the ADC is set to VREF.
Channel 5 (SD1) measures the PVDD power supply of the device. The ADC measures the PVDD voltage
through a resistor divider (divide by six). The data rate for this conversion is 2560 Hz and the range of the ADC
is set to VREF.
Channel 6 (SD2) measures the VDD power supply of the device. When channel 6 is selected, the ADC
measures the VDD voltage through a resistor divider (divide by 2). The data rate for this conversion is 2560 Hz
and the range of the ADC is set to VREF.
Channel 7 (SD3) is a ZTAT (zero temperature coefficient) voltage. This internal voltage is nominally 0.6 V with a
low temperature drift and does not depend on the reference voltage. An ADC measurement of ZTAT voltage can
be useful to determine the state of the reference voltage. The data rate for this conversion is 2560 Hz and the
range of the ADC is set to VREF.
Channel 8 (SD4) measures the VOUT of the DAC. The ADC measures the VOUT voltage through a resistor
divider (divide by two). The data rate for this conversion is 2560 Hz and the range of the ADC is set to 2 × VREF.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com