Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 42 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 38Page - Texas Instruments AFEX82H1 Datasheet HTML 39Page - Texas Instruments AFEX82H1 Datasheet HTML 40Page - Texas Instruments AFEX82H1 Datasheet HTML 41Page - Texas Instruments AFEX82H1 Datasheet HTML 42Page - Texas Instruments AFEX82H1 Datasheet HTML 43Page - Texas Instruments AFEX82H1 Datasheet HTML 44Page - Texas Instruments AFEX82H1 Datasheet HTML 45Page - Texas Instruments AFEX82H1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 115 page
background image
An incorrect stop bit in the HART receive character causes a HART frame error. The device reports the frame
error in the status register and discards the character. When the character is discarded, the HART data are not
enqueued into FIFO_H2U. If the frame error check is not masked, an IRQ event is also triggered.
Similarly, an incorrect stop bit in the UARTIN character causes a UART frame error. The device reports the
frame error in the status register and discards the character. When the character is discarded, the UART data
are not enqueued into FIFO_U2H. If the frame error check is not masked, an IRQ event is also triggered.
6.3.5.1.1 FIFO Buffer Access
In SPI only mode, both FIFO buffers are accessed using register addresses. HART bus communication activity
is reported to the host controller through the IRQ pin and MODEM_STATUS register. See Section 6.3.5.8 for
recommended IRQ based communication techniques when using the AFEx82H1 to convert between the SPI
and HART.
Write to the FIFO_U2H_WR register to enqueue the HART transmit data into FIFO_U2H. Calculate the correct
parity bit and include the parity bit with the data. Do not attempt to read data from the FIFO_U2H because a read
request from the FIFO_U2H_WR register is not supported. The read from the FIFO_U2H_WR register returns
the data from the dequeue pointer location of FIFO_U2H, but does not dequeue the data.
Read the FIFO_H2U_RD register to dequeue the HART receive data from FIFO_H2U. If CRC is enabled and a
CRC error occurs during a read request, no data are dequeued from the FIFO_H2U buffer, and the data in the
readback frame are invalid. A write to the FIFO_H2U_RD register is ignored.
When communicating with the HART modem through the UART interface in SPI plus UART mode, any character
received on the UARTIN pin is directly enqueued into FIFO_U2H. The character is then automatically dequeued
from FIFO_U2H and transmitted on the MOD_OUT pin when the clear-to-send (CTS) response is asserted.
Similarly, any character received on the RX_IN or RX_INF pin is directly enqueued into FIFO_H2U. The
character is then automatically dequeued from FIFO_H2U and transmitted on UARTOUT as a normal UART
character.
The FIFO buffers are accessed directly by the UART; therefore, do not use the FIFO_U2H_WR and
FIFO_H2U_RD registers with the SPI. As a result of using FIFO_U2H in the data path, there is a latency
from the UARTIN pin to the MOD_OUT pin; see also Section 6.3.5.6. Similarly, as a result of using FIFO_H2U,
there is a latency from the RX_IN or RX_INF pin to the UARTOUT pin; see also Section 6.3.5.7.
HART bus communication activity is interfaced to the host controller through the CD and RTS pins. If the CD and
RTS pins are not used, poll the MODEM_STATUS register regularly to monitor the status of the modem.
In UBM mode, any character received on the UARTIN pin that is not a part of a break command is directly
enqueued into FIFO_U2H. The character is then automatically dequeued from FIFO_U2H and transmitted on the
MOD_OUT pin when the CTS response is asserted. Although the UBM packets can access all registers, do not
use the break command to write the HART transmit data into FIFO_U2H_WR register. Use the standard 8O1
UART character format to enqueue data into the FIFO_U2H buffer, and thus to the HART modulator.
Similarly, do not use the break command to read the HART receive data from the FIFO_H2U_RD register.
HART receive data are automatically dequeued from FIFO_H2U and transmitted on UARTOUT as normal UART
characters in UBM mode.
6.3.5.1.2 FIFO Buffer Flags
Status bits exist for both transmit and receive FIFO buffers in the MODEM_STATUS, FIFO_STATUS and
FIFO_H2U_RD registers. These include full, empty, and level flags. Buffer level flags are used to trigger IRQs
for HART communication; see also Section 6.3.5.8. The status fields in the FIFO_H2U_RD register represent the
state of FIFO_H2U before the read is performed and the data byte is dequeued. This implementation means that
if the EMPTY_ FLAG is set, the data byte received in that frame is invalid. Similarly, the LEVEL field represents
the 4 MSBs for the FIFO_H2U level before dequeuing. The LSB is not reported, and there are only five internal
bits to represent 32 levels; therefore, the LEVEL = 0 is reported when the actual level is 0, 1, or 32. Use
FULL_FLAG and EMPTY_FLAG when LEVEL = 0 to differentiate between these three cases.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
42
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com