Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 75 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 75 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 71Page - Texas Instruments AFEX82H1 Datasheet HTML 72Page - Texas Instruments AFEX82H1 Datasheet HTML 73Page - Texas Instruments AFEX82H1 Datasheet HTML 74Page - Texas Instruments AFEX82H1 Datasheet HTML 75Page - Texas Instruments AFEX82H1 Datasheet HTML 76Page - Texas Instruments AFEX82H1 Datasheet HTML 77Page - Texas Instruments AFEX82H1 Datasheet HTML 78Page - Texas Instruments AFEX82H1 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 115 page
background image
7.1.9 ADC_CFG Register (Offset = 8h) [Reset = 8810h]
Return to the Register Map.
Table 7-11. ADC_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15
BUF_PD
R/W
1h
ADC Buffer Power-Down
0h = ADC buffer enabled; 1h = ADC buffer powered down (default)
14-8
HYST
R/W
8h
Hysteresis
The number of codes of hysteresis used when a threshold is exceeded for an ADC
measurement of AIN0/AIN1/TEMP.
7-5
FLT_CNT
R/W
0h
Fault Count
Number of successive faults to trip an alarm.
Number of successive faults is programmed value + 1 (1-8 faults).
4
AIN_RANGE
R/W
1h
ADC Analog Input Range
Can only be set if PVDD ≥ 2.7 V to use 2.5-V range for AIN0 and AIN1 inputs.
0h = 2 × VREF; 1h = 1 × VREF (default)
3
EOC_PER_CH
R/W
0h
ADC End-of-Conversion for Every Channel
Sends an EOC pulse at the end of each channel instead of at the end of all the channels.
0h = EOC after last channel (default); 1h = EOC for every channel
2-1
CONV_RATE
R/W
0h
ADC Conversion Rate
This setting only affects the conversion rate for channels AIN0 and AIN1. Rates are based
on a 76.8-kHz ADC clock. All other channels use 2560 Hz.
0h = 3840 Hz (default)
1h = 2560 Hz
2h = 1280 Hz
3h = 640 Hz
0
DIRECT_MODE R/W
0h
Direct Mode Enable
0h = Auto mode (default); 1h = Direct mode
7.1.10 ADC_INDEX_CFG Register (Offset = 9h) [Reset = 0080h]
Return to the Register Map.
The ADC custom channel sequencing configuration is shown in Table 7-12.
Table 7-12. ADC_INDEX_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
0h
7-4
STOP
R/W
8h
Custom Channel Sequencer Stop Index
CCS index to stop ADC sequence. Must be ≥ START. If not, STOP is forced to = START.
0h = OFFSET
1h = AIN0
2h = AIN1
3h = TEMP
4h = SD0 (VREF)
5h = SD1 (PVDD)
6h = SD2 (VDD)
7h = SD3 (ZTAT)
8h = SD4 (VOUT) (default)
9h through Fh = GND
3-0
START
R/W
0h
Custom Channel Sequencer Start Index
CCS index to start ADC sequence.
0h through Fh = Same as STOP field (0h is default)
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com