Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 1 Page - Texas Instruments

  AFEX82H1 Datasheet HTML 1Page - Texas Instruments AFEX82H1 Datasheet HTML 2Page - Texas Instruments AFEX82H1 Datasheet HTML 3Page - Texas Instruments AFEX82H1 Datasheet HTML 4Page - Texas Instruments AFEX82H1 Datasheet HTML 5Page - Texas Instruments AFEX82H1 Datasheet HTML 6Page - Texas Instruments AFEX82H1 Datasheet HTML 7Page - Texas Instruments AFEX82H1 Datasheet HTML 8Page - Texas Instruments AFEX82H1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With
Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Low quiescent current: 180 µA (typical)
• HART®-compliant physical layer modem
– Programmable amplitude of TX signals
– RX demodulator and band-pass filter
• 16-bit or 14-bit monotonic high-performance DAC
– DAC output range: 0 V to 2.5 V
– Digital DAC slew-rate control
– 4-LSB INL at 16 bits
– 0.07% FSR (max) TUE from –40°C to +125°C
• 12-bit 3.84-kSPS ADC for advanced diagnostics
• Integrated 1.25-V reference at 10 ppm/°C (max)
• Internal 1.2288-MHz oscillator with clock output
• Digital interface
– Serial peripheral interface (SPI): Shared bus for
both DAC and HART
– Universal asynchronous receiver-transmitter
(UART): Shared bus for both DAC and HART
– Both: SPI for DAC and UART for HART
• Fault detection: CRC bit error checking, windowed
watchdog timer, diagnostic ADC
• Wide operating temperature: –55°C to +125°C
2 Applications
• Process control and industrial automation
• PLC or DCS I/O modules
• 3-wire and 4-wire transmitters
• 4-mA to 20-mA loop-powered applications
3 Description
The
16-bit
AFE882H1
and
14-bit
AFE782H1
(AFEx82H1) are highly-integrated, high-accuracy,
extremely low-power DACs with voltage-outputs
designed for HART-enabled process control and
industrial automation applications.
The AFEx82H1 devices include most of the
components required to design a 4
‑mA to 20‑mA,
3
‑wire or 4-wire sensor transmitter or analog output
module. In addition to the highly accurate DAC, these
devices include a HART®-compliant FSK modem, 10-
ppm/°C voltage reference, and diagnostic analog-to-
digital converter (ADC). To accommodate intrinsic and
functional safety concerns, external voltage-to-current
conversion and power-regulation are required.
The internal diagnostic ADC is multiplexed to
several internal nodes that enable an automatic self-
health check. This check is capable of detecting
errors or malfunctions of the internal bias sources,
power regulator, voltage reference, DAC output, die
temperature, and optional external voltage source. If
any fault is detected from the diagnostic ADC, CRC
frame-error checking, or windowed watchdog timer,
the devices can optionally issue an interrupt, enter a
user-specified fail-safe state, or both.
Device Information
PART NUMBER
RESOLUTION
PACKAGE(1)
AFE782H1
14-bit
RRU (UQFN, 24) 4.00
mm × 4.00 mm
AFE882H1
16-bit
(1)
For more information, see Section 11.
MUX
12-Bit ADC
MUX
Internal
Diagnostics
Temperature
Sensor
AIN0
POL_SEL/AIN1
16-/14-Bit
DAC
VOUT
Receive
Demodulator
Transmit
Modulator
MOD_OUT
RX_IN
RX_INF
HART
Arbiter
Alarm
Diagnostics
Alarm
Responses
User
Calibration
Slew-Rate
Control
DAC Data
Register
Watchdog
Timer
CRC Frame
Error Check
Receive
FIFO
Transmit
FIFO
ALARM
Control Logic
RTS
PVDD
VDD
GND
Internal
Reference
VREFIO
REF_EN
REF_GND
IOVDD
Internal
Oscillator
IRQ (UARTOUT or SDO)
Output Buffer
Range Setting
Filter
GPIO1/CD
RESET
GPIO0/CLK_OUT
GPIO5/SDI
GPIO4/SDO
GPIO3/UARTIN
GPIO2/UARTOUT
GPIO6/CS
SCLK
Functional Block Diagram
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AFEX82H1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFEX8201 TI-AFEX8201 Datasheet
3Mb / 94P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFEX8201 TI-AFEX8201 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFEX8201 TI1-AFEX8201 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
More results

Similar Description - AFEX82H1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1407 MAXIM-MAX1407 Datasheet
1Mb / 48P
Low-Power, 16-Bit Multichannel DAS with Internal Reference,10-Bit DACs, and RTC
19-2229; Rev 0; 10/01
logo
Intronics Power, Inc.
DAS1157 INTRONICS-DAS1157 Datasheet
904Kb / 4P
Low Power 14-Bit, 15-Bit & 16-Bit Sampling Analog-to-Digital Converters
logo
Texas Instruments
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81402 TI-DAC81402 Datasheet
5Mb / 54P
DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
DAC81404 TI-DAC81404_V01 Datasheet
5Mb / 53P
DACx1404 Quad, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
AFE78101 TI-AFE78101 Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
AFE781H1 TI-AFE781H1 Datasheet
4Mb / 111P
AFEx81H1 16-Bit and 14-Bit, Low-Power DACs With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
MARCH 2023
AFE78201 TI-AFE78201 Datasheet
3Mb / 94P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
AFE78201 TI-AFE78201_V01 Datasheet
3Mb / 95P
AFEx8201 16-Bit and 14-Bit Digital-to-Analog Converters (DACs) With Voltage Reference and Diagnostic ADC for Low-Power Applications
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com