Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 82 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 82 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 78Page - Texas Instruments AFEX82H1 Datasheet HTML 79Page - Texas Instruments AFEX82H1 Datasheet HTML 80Page - Texas Instruments AFEX82H1 Datasheet HTML 81Page - Texas Instruments AFEX82H1 Datasheet HTML 82Page - Texas Instruments AFEX82H1 Datasheet HTML 83Page - Texas Instruments AFEX82H1 Datasheet HTML 84Page - Texas Instruments AFEX82H1 Datasheet HTML 85Page - Texas Instruments AFEX82H1 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 115 page
background image
7.1.26 GPIO Register (Offset = 1Ch) [Reset = 007Fh]
Return to the Register Map.
Table 7-28. GPIO Register Field Descriptions
Bit
Field
Type
Reset
Description
15-7
RESERVED
R
0h
6-0
DATA
R/W
7Fh
GPIO pin data.
For GPIO input this bit must be written as 1 and GPIO_CFG.ODE =
1 and GPIO_CFG.EN = 1. Reading this register reads the pin value
when the pin is correctly enabled. (See Table 6-11 for additional
configuration required specific to each pin and communication mode)
For GPIO output this bit sets the pin value.
[6] = GPIO6
[5] = GPIO5
[4] = GPIO4
[3] = GPIO3
[2] = GPIO2
[1] = GPIO1
[0] = GPIO0
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
82
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com