Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 59 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 55Page - Texas Instruments AFEX82H1 Datasheet HTML 56Page - Texas Instruments AFEX82H1 Datasheet HTML 57Page - Texas Instruments AFEX82H1 Datasheet HTML 58Page - Texas Instruments AFEX82H1 Datasheet HTML 59Page - Texas Instruments AFEX82H1 Datasheet HTML 60Page - Texas Instruments AFEX82H1 Datasheet HTML 61Page - Texas Instruments AFEX82H1 Datasheet HTML 62Page - Texas Instruments AFEX82H1 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 115 page
background image
6.5.1.4 HART Functionality Setup Options
Table 6-10 shows the various options to set up HART functionality based on communication options by
connected pin.
Table 6-10. HART Function Setup Options by Communication Pins Used
FUNCTION
INTERFACE
MODE1
PIN NAME
HARDWARE METHOD
(PIN CONNECTED)
ALTERNATE METHOD
(PIN NOT CONNECTED)
Request to send
(RTS)
Any
RTS (input)
L: RTS asserted.
H: RTS deasserted.
Write to MODEM_CFG.RTS bit
1: RTS asserted.
0: RTS deasserted.
Carrier detect
(CD)
Any
CD (output)
L: CD deasserted.
H: CD asserted.
Connect and setup interrupt request
or
Poll CD_ASSERT / CD_DEASSERT
Clear to send
(CTS)
Any
None
Not available
Connect and setup interrupt request
or
Poll CTS_ASSERT
Alarm
Any
ALARM (output)
Multiple alarm based interrupt sources
for system controller; see also Section
6.3.3.
Connect and setup interrupt request
or
Poll ALARM_STATUS register
Interrupt request
(IRQ)2
UART
SDO (output)
Level- and polarity-configurable
interrupt pin (see Section 6.3.4).
Multiple interrupt sources for system
controller; see also Section 6.3.5.8.
Set CONFIG.UBM_IRQ_EN = 1 to
generate soft IRQ as break command
followed by data on UARTOUT. See
Section 6.5.4.1 for details.
SPI only
UARTOUT
(Output)
Poll status registers
SPI plus UART
None
Not available
Poll status registers
1. For option details, see Section 6.5.1.
2. For IRQ configuration details, see Table 6-7.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com