Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 90 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 86Page - Texas Instruments AFEX82H1 Datasheet HTML 87Page - Texas Instruments AFEX82H1 Datasheet HTML 88Page - Texas Instruments AFEX82H1 Datasheet HTML 89Page - Texas Instruments AFEX82H1 Datasheet HTML 90Page - Texas Instruments AFEX82H1 Datasheet HTML 91Page - Texas Instruments AFEX82H1 Datasheet HTML 92Page - Texas Instruments AFEX82H1 Datasheet HTML 93Page - Texas Instruments AFEX82H1 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 115 page
background image
7.1.37 ADC_SD_MUX Register (Offset = 27h) [Reset = 0000h]
Return to the Register Map.
Table 7-39. ADC_SD_MUX Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
Converted Value of Voltage on Self-Diagnostic (SD) MUX Input
7.1.38 ADC_OFFSET Register (Offset = 28h) [Reset = 0000h]
Return to the Register Map.
Table 7-40. ADC_OFFSET Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
ADC Comparator Offset
This value reports the offset measured in the device, and can be
used to adjust each conversion value. If ADC_BYP.OFST_BYP_EN
is set, then the value in ADC_BYP.DATA is used as the offset. This
value is not affected by ADC_BYP.
7.1.39 FIFO_H2U_RD Register (Offset = 2Ah) [Reset = 0200h]
Return to the Register Map.
Table 7-41. FIFO_H2U_RD Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
LEVEL
R
0h
Level
Current Level of FIFO_H2U, bits [4:1] represented as Level[3:0].
Pre-dequeue.
11
LEVEL_FLAG
R
0h
HART-to-µC FIFO Level Flag
Set when FIFO_H2U Level > {Level,1b1}. Pre-dequeue.
0h = FIFO_H2U level ≤ {Level, 1b1}
1h = FIFO_H2U level > {Level, 1b1}
10
FULL_FLAG
R
0h
HART-to-µC FIFO Full Flag. Pre-dequeue.
0h = FIFO_H2U is not full, pre-dequeue
1h = FIFO_H2U is full, pre-dequeue
9
EMPTY_FLAG
R
1h
HART-to-µC FIFO Empty Flag. Pre-dequeue.
0h = FIFO_H2U is not empty
1h = FIFO_H2U is empty
8
PARITY
R
0h
Parity Bit (ODD)
Parity bit received with data on HART. This field can only be read
by SPI when CONFIG.UART_DIS = 1. Otherwise reads from this
register are ignored and do not dequeue FIFO. The default value is
unknown until data are written to the FIFO.
7-0
DATA
R
0h
Data
8-bit data received on HART. This field can only be read by SPI
when CONFIG.UART_DIS = 1. Otherwise reads from this register
are ignored and do not dequeue FIFO. The default value is unknown
until data are written to the FIFO.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
90
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com