Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 99 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 99 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 95Page - Texas Instruments AFEX82H1 Datasheet HTML 96Page - Texas Instruments AFEX82H1 Datasheet HTML 97Page - Texas Instruments AFEX82H1 Datasheet HTML 98Page - Texas Instruments AFEX82H1 Datasheet HTML 99Page - Texas Instruments AFEX82H1 Datasheet HTML 100Page - Texas Instruments AFEX82H1 Datasheet HTML 101Page - Texas Instruments AFEX82H1 Datasheet HTML 102Page - Texas Instruments AFEX82H1 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 115 page
background image
8.2.1.1 Design Requirements
The design requirements are:
• Transmitter with a current output range of 4 mA to 20 mA to represent a process variable signal
• Out-of-range current output capability below 3.6 mA and above 21 mA for NAMUR NE43 sensor fault signal
levels
• Total on-board current less than or equal to 3 mA to operate the board, but allow for low out-of-range outputs
• Operation with standard industrial automation supply voltages from 15 V to 36 V
• Current and voltage outputs with TUE less than 0.5% at 25°C after calibration
8.2.1.2 Detailed Design Procedure
Figure 8-3 shows a block diagram of a loop-powered, 4-mA to 20-mA current transmitter.
Loop
Protection
AFE882H1
MCU
MSP430FR5969
Start-Up and
V-to-I
Converter
+VTERMINAL
–VTERMINAL
LDO
Sensor
and
AFE
4-mA to
20-mA
Loop
Terminals
Constructed Section of the Circuit
Figure 8-3. Block Diagram of a Loop-Powered, 4-mA to 20-mA Current Transmitter
The terminals connected to the loop are shown on the right side of the block diagram. This connection to the
loop powers the entire transmitter. A bridge rectifier at the input protects against reverse connection to the loop.
The rectified loop voltage powers a start-up circuit that provides power to an LDO, that in turn powers the
AFE882H1 and an MCU.
The AFE882H1 controls the loop current through the voltage-to-current (V-to-I) converter block. The DAC
voltage sets the output from 0 V to 2.5 V. The output is sent through a V-to-I converter block using an OPA333
and an NPN bipolar junction transistor (BJT).
The HART signal is not received at the positive terminal of the 4-mA to 20-mA connections, but instead is
received after the loop-protection rectifier. This HART signal input is capacitively coupled to this LOOP+ internal
node of the circuit as shown in Figure 8-2. The HART signal output is modulated onto the loop current from the
AFE882H1 through the V-to-I converter circuit.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com