Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 101 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 101 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 97Page - Texas Instruments AFEX82H1 Datasheet HTML 98Page - Texas Instruments AFEX82H1 Datasheet HTML 99Page - Texas Instruments AFEX82H1 Datasheet HTML 100Page - Texas Instruments AFEX82H1 Datasheet HTML 101Page - Texas Instruments AFEX82H1 Datasheet HTML 102Page - Texas Instruments AFEX82H1 Datasheet HTML 103Page - Texas Instruments AFEX82H1 Datasheet HTML 104Page - Texas Instruments AFEX82H1 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 115 page
background image
VLOOP–=–VOUT
120kΩ ×20kΩ = –VOUT×0.1667
(12)
ILOOP_VOUT= –VLOOP–
20Ω + –VLOOP–
20kΩ = VOUT×0.1667× 120Ω + 120kΩ
(13)
When the DAC output voltage is set to 0 V, the contribution to the loop current is basically 0 mA. When the DAC
output voltage is set to 2.5 V, the contribution to the loop current is 20.85 mA.
As mentioned previously, the total loop current is the sum of the contribution of the current created from the
VREFIO voltage and the VOUT voltage. Using these voltages, the loop current has a range from 3.037 mA to
23.89 mA.
The AFE882H1 DAC output voltage is set through a 16-bit output code. Therefore, this final conversion from the
DAC code to the loop current is set based on Equation 14.
ILOOP=ILOOP_VREFIO+ILOOP_VOUT=3.037mA+ DACCode×20.85mA216
(14)
In 4
‑mA to 20‑mA systems, the nominal output operates from 4 mA as the low output and 20 mA as the high
output. However, systems sometimes use current outputs that are outside this range to indicate different error
conditions. Loop currents of 3.375 mA and 21.75 mA are often used to indicate different loop errors. Table 8-1
shows different loop output currents, along with the DAC code and voltages used.
Table 8-1. DAC Voltage Output and Loop Current Based on DAC Output Codes
OUTPUT CONDITION
DAC CODE
DAC OUTPUT (V)
LOOP CURRENT (mA)
DAC minimum
0x0000
0
3.037
Error low
0x0426
0.04051
3.375
In-range minimum
0x0BD2
0.1154
4
In-range midscale
0x6E07
1.0745
12
In-range maximum
0xD03C
2.0335
20
Error high
0xE5B7
2.2433
21.75
DAC maximum
0xFFFF
2.5
23.891
Among the passive devices included in the design, choose current-setting resistors with tight tolerances
to achieve high accuracy and low drift. These resistors discussed in the previous equations are primarily
responsible for setting the gain of the current loop, and therefore, the current magnitude of the loop.
8.2.1.2.2 HART Connections
Connections of the HART signal to the loop are done through the AFE882H1 MOD_OUT and RX_IN pins.
Similar to converting the VOUT pin voltage to the loop current magnitude, the HART output from the MOD_OUT
pin is converted from a voltage to a current. A dc-blocking capacitor of 1000 pF is used to couple in the HART
signal, without the dc output offset from the MOD_OUT pin. From MOD_OUT, the HART sinusoid nominal output
is 500 mVPP. Equation 15 shows that this VMOD HART sinusoid voltage is set across a 499-kΩ resistor to create
signal voltage VLOOPAC superimposed onto VLOOP–.
VLOOP_AC=VMOD499kΩ×20kΩ= 500mVPP
499kΩ ×20kΩ= 20.04mVPP
(15)
The VLOOP_AC voltage sets the HART-modulated loop current that flows from ground to LOOP– through the 20-Ω
resistor. This current is sourced from ground but controlled by the current sunk from Q4 coming from the start-up
circuit. Equation 16 calculates the total loop current based on the 20 mVPP of VLOOP_AC.
ILOOP_AC=VLOOP_AC× 120Ω+ 120kΩ =1mAPP
(16)
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com