Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 105 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 101Page - Texas Instruments AFEX82H1 Datasheet HTML 102Page - Texas Instruments AFEX82H1 Datasheet HTML 103Page - Texas Instruments AFEX82H1 Datasheet HTML 104Page - Texas Instruments AFEX82H1 Datasheet HTML 105Page - Texas Instruments AFEX82H1 Datasheet HTML 106Page - Texas Instruments AFEX82H1 Datasheet HTML 107Page - Texas Instruments AFEX82H1 Datasheet HTML 108Page - Texas Instruments AFEX82H1 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 115 page
background image
8.5 Layout
8.5.1 Layout Guidelines
To maximize the performance of the AFEx82H1 in any application, follow good layout practices and proper circuit
design. The following recommendations are specific to the device:
• For best performance, dedicate an entire PCB layer to a ground plane and do not route any other signal
traces on this layer. However, depending on restrictions imposed by specific end equipment, a dedicated
ground plane is not always practical. If ground-plane separation is necessary, make a direct connection of the
planes at the DAC. Do not connect individual ground planes at multiple locations because this configuration
creates ground loops.
• IOVDD and PVDD must have 100-nF decoupling capacitors local to the respective pins. VDD must have at
least a 1-μF decoupling capacitor used for the internal LDO. Use a high-quality ceramic-type NP0 or X7R
capacitor for best performance across temperature and a very low dissipation factor.
• Place a 100-nF reference capacitor close to the VREFIO pin.
• Avoid routing switching signals near the reference input.
• Maintain proper placement for the digital and analog sections with respect to the digital and analog
components. Separate the analog and digital circuitry for less coupling into neighboring blocks and to
minimize the interaction between analog and digital return currents.
• For designs that include protection circuits:
– Place diversion elements, such as TVS diodes or capacitors, close to off-board connectors to make sure
that return current from high-energy transients does not cause damage to sensitive devices
– Use large, wide traces to provide a low-impedance path to divert high-energy transients away from the I/O
pins.
8.5.2 Layout Example
1
2
3
4
5
6
7
8
9
10
11
12
18
17
16
15
14
13
24
23
22
21
20
19
RTS
REF_EN
RESET
Digital
Signals
IOVDD
IOVDD
Bypass
Capacitor
VDD
Bypass
Capacitor
PVDD
PVDD
Bypass
Capacitor
ALARM
Pull-Up
Resistor
IOVDD
VOUT
VREFIO
Bypass
Capacitor
PVDD
POL_SEL/AIN1
AIN0
GND
VDD
AFE882H1
HART
Signals
GPIO3/UART_IN
GPIO2/UART_OUT
GPIO1/CD
All pins with GPIO should have an external pullup or pulldown resistor (not shown)
Figure 8-11. Layout Example
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com