Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 104 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 104 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 100Page - Texas Instruments AFEX82H1 Datasheet HTML 101Page - Texas Instruments AFEX82H1 Datasheet HTML 102Page - Texas Instruments AFEX82H1 Datasheet HTML 103Page - Texas Instruments AFEX82H1 Datasheet HTML 104Page - Texas Instruments AFEX82H1 Datasheet HTML 105Page - Texas Instruments AFEX82H1 Datasheet HTML 106Page - Texas Instruments AFEX82H1 Datasheet HTML 107Page - Texas Instruments AFEX82H1 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 115 page
background image
8.3 Initialization Setup
This section describes several recommendations to set up the AFEx82H1.
The AFEx82H1 power up with the CRC enabled. If the device is intended to be run without the CRC, the CRC
must be disabled by setting the CRC_EN bit to 0h in the CONFIG register. Be aware that the command to write
to this register is first done with the CRC enabled. The CRC byte must be appended to the command for the
device to interpret the command correctly. To disable the CRC after start up, write 0x02 0x00 0x26 0x24 to the
device. The first three bytes write the command, while the last byte is the CRC byte. For more information on the
CRC, see the communication description in Section 6.5.3.3.
The AFEx82H1 also power up with the SDO pin disabled. The SDO pin is required for reading from any of the
device registers, as well as reading any data from the ADC in SPI mode. The SDO pin is enabled by writing 0h
into the DSDO bit in the CONFIG register. See also Section 6.5.3.1 and Section 6.5.3.2.
To enable the ADC, first enable the ADC buffer by writing 0h into the BUF_PD bit in the ADC_CFG register. For
information about using the ADC in different modes of operation, see Section 6.3.2.
8.4 Power Supply Recommendations
The AFEx82H1 can operate within a single-supply range of 2.7 V to 5.5 V applied to the PVDD pin. When 2.7 V
to 5.5 V is provided to PVDD, an internal LDO is enabled that drives VDD internally. VDD pin must have 1 μF to
10 μF of capacitance for operation.
The digital interface supply, IOVDD, can operate with a supply range of 1.71 V to 5.5 V.
Switching power supplies and DC/DC converters often have high-frequency glitches or spikes riding on the
output voltage. In addition, digital components can create similar high-frequency spikes. This noise can easily
couple into the DAC output voltage or current through various paths between the power connections and analog
output. To further reduce noise, include bulk and local decoupling capacitors. The current consumption on the
PVDD and IOVDD pins, the short-circuit current limit for the voltage output, and the current ranges for the
current output are listed in the Electrical Characteristics. The power supply must meet the requirements listed in
the Recommended Operating Conditions.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
104
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com