Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 102 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 98Page - Texas Instruments AFEX82H1 Datasheet HTML 99Page - Texas Instruments AFEX82H1 Datasheet HTML 100Page - Texas Instruments AFEX82H1 Datasheet HTML 101Page - Texas Instruments AFEX82H1 Datasheet HTML 102Page - Texas Instruments AFEX82H1 Datasheet HTML 103Page - Texas Instruments AFEX82H1 Datasheet HTML 104Page - Texas Instruments AFEX82H1 Datasheet HTML 105Page - Texas Instruments AFEX82H1 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 115 page
background image
Using the 1000-pF capacitor as a dc-blocking capacitor and the 499-kΩ resistor, the 500-mVPP MOD_OUT
signal is converted to a 1-mAPP HART signal on the current loop.
HART signals are received by the AFE882H1 through the RX_IN pin. A dc-blocking capacitor for the HART
input at RX_IN is shown with a series resistance of 1 kΩ in Figure 8-2. A diode clamps the pin to the device
supply and the resistance limits the input current. This configuration protects the RX_IN from damage from an
overvoltage event at the start up of the circuit.
8.2.1.2.3 Input Protection and Rectification
Figure 8-5 shows the simple protection scheme implemented in the design to mitigate issues that arise from
voltage and current transients on the bus. These transients have two main components: high-frequency and
high-energy. These two components can be leveraged with a strategy of attenuation and diversion by the
protection circuitry to deliver robust immunity.
+V
TERMINAL
–V
TERMINAL
36-V
Bidirectional
TVS Diode
LOOP+
LOOP–
Ferrite
Bead
Figure 8-5. Loop Input Protection
Attenuation uses passive components, primarily resistors and capacitors, to attenuate high-frequency transients
and to limit series current. Use ferrite beads to maintain dc accuracy while still delivering the ability to limit
current from high-frequency transients. This circuit uses a capacitor placed across the input terminals, as well as
ferrite beads in series with the terminals.
Diversion capitalizes on the high-voltage properties of the transient signals by using a diode to clamp the
transient within supply voltages, or to divert the energy away from the system. Transient voltage suppressor
(TVS) diodes help protect against transients because TVS diodes break down very quickly and often feature
high power ratings that are critical to survive multiple transient strikes.
A rectifier is also implemented for reverse polarity protection so that the design can be connected to the bus
regardless of the pin orientation or polarity without damage to the design.
8.2.1.2.4 System Current Budget
Power consumption is an important consideration when designing two-wire transmitters. Power supplied from
the loop must power all the circuitry related to the transmitter and sensor. The minimum loop current in two-wire
applications is typically 4 mA. However, for error indications, this current is as low as 3.375 mA. Therefore, the
power budget of all transducer circuitry is designed to be less than the maximum allowable system power budget
of 3 mA. Table 8-2 lists the specified maximum quiescent current of all included active components (provided
from the respective data sheets).
Table 8-2. Typical Component Currents
DEVICE
DESCRIPTION
TYPICAL CURRENT (µA)
TPS7A0533
LDO
4
AFE882H1
16-bit DAC
180
OPA333 (2)
Operational amplifier
17 (each)
MSP430
Microcontroller
Dependent on firmware
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
102
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com