Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 61 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 61 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 57Page - Texas Instruments AFEX82H1 Datasheet HTML 58Page - Texas Instruments AFEX82H1 Datasheet HTML 59Page - Texas Instruments AFEX82H1 Datasheet HTML 60Page - Texas Instruments AFEX82H1 Datasheet HTML 61Page - Texas Instruments AFEX82H1 Datasheet HTML 62Page - Texas Instruments AFEX82H1 Datasheet HTML 63Page - Texas Instruments AFEX82H1 Datasheet HTML 64Page - Texas Instruments AFEX82H1 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 115 page
background image
6.5.3 Serial Peripheral Interface (SPI)
The AFEx82H1 are controlled over a versatile four-wire serial interface (SDIN, SDO, SCLK, and CS). The
interface operates at clock rates of up to 12.5 MHz and is compatible with SPI, QSPI, Microwire, and digital
signal processing (DSP) standards. The SPI communication command consists of a read or write address, a
data word, and an optional CRC byte.
The SPI can access all register addresses except for the UBM register. Read-only and read-write capability is
defined by register (see Table 7-1). The SPI supports both SPI Mode 1 (CPOL = 0, CPHA = 1) and SPI Mode 2
(CPOL = 1, CPHA = 0). The default SCLK value is low for SPI Mode 1 and high for SPI Mode 2. See Section 5.7
for timing diagrams in each mode. The serial clock, SCLK, can be continuous or gated.
6.5.3.1 SPI Frame Definition
Subject to the timing requirements listed in the Timing Requirements, the first SCLK falling edge immediately
following the falling edge of CS captures the first frame bit. Subject to the same requirements, the last SCLK
falling edge before the rising edge of CS captures the last bit of the frame. Figure 6-29 shows that the SPI
shift register frame is 32-bits wide, and consists of an R/W bit, followed by a 7-bit address, and a 16-bit data
word. The 8-bit CRC is optional (enabled by default) and is disabled by setting CONFIG.CRC_EN = 0 (see also
Section 6.5.3.3). Figure 6-30 shows that when the CRC is disabled, the frame is 24-bits wide.
SDO
SDI
Don’t Care
Valid Data
Hi-Z
Output Frame (n-1)
Status
Details
CRC_ERR
Next Frame (n+1), Command or NOP
CS
RESET
RBIST
OSC_DIV_2
MODEM_IRQ
GEN_IRQ
ALARM_IRQ
Address (7b)
Data Word (16b)
CRC (8b)
R/W (1b)
R/W (1b)
Status (7b)
Data Word (16b) CRC (8b)
Output Frame (n)
Input Frame (n)
SCLK
31
30~24
23~8
7~0
Figure 6-29. SPI Frame Details (Default, CRC Enabled)
SDO
SDI
R/W (1b)
Don’t Care
Valid Data
Hi-Z
Output Frame (n-1)
Status (7b)
Data Word (16b)
Address (7b)
Data Word (16b)
R/W (1b)
Next Frame (n+1), Command or NOP
CS
Output Frame (n)
Input Frame (n)
SCLK
23
22~16
15~0
Figure 6-30. SPI Frame Details (CRC Disabled)
For a valid frame, a full frame length of data (24 bits if CRC is disabled or 32 bits if CRC is enabled) must be
transmitted before CS is brought high. If CS is brought high before the last falling SCLK edge of a full frame,
then the data word is not transferred into the internal registers. If more than a full frame length of falling SCLK
edges are applied before CS is brought high, then the last full frame length number of bits are used. In other
words, if the number of falling SCLK edges while CS = 0 is 34, then the last 32 SCLK cycles (or 24 if CRC is
disabled) are treated as the valid frame. The device internal registers are updated from the SPI shift register on
the rising edge of CS. To start another serial transfer, bring CS low again. When CS is high, the SCLK and SDI
signals are blocked and the SDO pin is high impedance.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com