Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 27 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 23Page - Texas Instruments AFEX82H1 Datasheet HTML 24Page - Texas Instruments AFEX82H1 Datasheet HTML 25Page - Texas Instruments AFEX82H1 Datasheet HTML 26Page - Texas Instruments AFEX82H1 Datasheet HTML 27Page - Texas Instruments AFEX82H1 Datasheet HTML 28Page - Texas Instruments AFEX82H1 Datasheet HTML 29Page - Texas Instruments AFEX82H1 Datasheet HTML 30Page - Texas Instruments AFEX82H1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 115 page
background image
The time required for the output to slew is expressed as Equation 6:
SlewTime= DeltaCodeChange
SlewStep×SlewClockRate
(6)
where
• Slew Time is expressed in seconds
• Slew Step is controlled by DAC_CFG.SR_STEP
• Slew Clock Rate is controlled by DAC_CFG.SR_CLK
When the slew-rate control feature is enabled, the output changes at the programmed slew rate. This
configuration results in a staircase formation at the output. If the clear code is asserted (see Section 6.3.1.6), the
output slews to the DAC_CLR_CODE value at the programmed slew rate. When new DAC data are written, the
output starts slewing to the new value at the slew rate determined by the current DAC code and the new DAC
data.
Two slew-rate control modes are available: linear (default) and sinusoidal. Figure 6-3 and Figure 6-4 show the
typical rising and falling DAC output waveforms, respectively.
4 mA (0x0BA3) to 24 mA (0xF45D) measured on a 40-Ω shunt
Figure 6-3. Linear Slew Rate: Rising
24 mA (0xF45D) to 4 mA (0x0BA3) measured on 40-Ω shunt
Figure 6-4. Linear Slew Rate: Falling
Sinusoidal mode enables fast DAC settling while improving analog rate of change characteristics. Sinusoidal
mode is selected by the DAC_CFG.SR_MODE bit. Figure 6-5 and Figure 6-6 show the typical rising and falling
DAC output waveforms with sinusoidal slew-rate control, respectively.
4 mA (0x0BA3) to 24 mA (0xF45D) measured on a 40-Ω shunt
Figure 6-5. Sinusoidal Slew Rate: Rising
24 mA (0xF45D) to 4 mA (0x0BA3) measured on a 40-Ω shunt
Figure 6-6. Sinusoidal Slew Rate: Falling
If the slew-rate feature is disabled while the DAC is executing the slew-rate command, the slew-rate operation is
aborted, and the DAC output goes to the target code.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com