Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 48 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 44Page - Texas Instruments AFEX82H1 Datasheet HTML 45Page - Texas Instruments AFEX82H1 Datasheet HTML 46Page - Texas Instruments AFEX82H1 Datasheet HTML 47Page - Texas Instruments AFEX82H1 Datasheet HTML 48Page - Texas Instruments AFEX82H1 Datasheet HTML 49Page - Texas Instruments AFEX82H1 Datasheet HTML 50Page - Texas Instruments AFEX82H1 Datasheet HTML 51Page - Texas Instruments AFEX82H1 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 115 page
background image
6.3.5.7 HART Demodulator Timing and Preamble Requirements
The RX_IN and RX_INF pins are continuously monitored by the HART demodulator when not transmitting.
AFEx82H1 requires at least 3 mark bits (3 × tBAUDHART) of 1200 Hz for carrier detection.
For UART-based communication setup, the HART data are automatically dequeued from FIFO_H2U and
transmitted on the UARTOUT pin as UART characters. A delay of approximately 1.5 bit times (1.5 × tBAUDHART)
occurs as a result of data decoding and synchronization from the end of the character on RX_IN or RX_INF
pin until the data are enqueued into FIFO_H2U. Thus, when CD deasserts, there is typically still one UART
character pending transfer to the system controller on UARTOUT (see Figure 6-24).
FIFO latency is as low as a few microseconds when using the SPI to dequeue the data from FIFO_H2U by
reading FIFO_H2U_RD register. Figure 6-23 and Figure 6-24 show the timing diagrams for the start and end of
the HART receive character, respectively.
Transmitted
Byte
RX_IN
Received
Message
ST
B0
B1
B2
B3
B4
B5
B6
B7
P0
B0
B1
B2
FF
24
CD
ST
UART_OUT
SP
< 3 tBAUDHART
bit times
~1.5 tBAUDHART bit times FIFO Enqueuing Delay
~11 tBAUDHART bit times
P0 – Parity bit
SP – Stop bit
ST – Start bit
B0-B7 – Data bits
Figure 6-23. HART Receive Start Timing Diagram (SPI and UART Modes)
Transmitted
Byte
RX_IN
Received
Message
ST
B0
B1
B2
B3
B4
B5
B6
B7
P0
CD
UART_OUT
ST
B0
B1
B2
B3
B4
B5
B6
B7
P0
B4
B5
B6
B7
01
0D
SP
SP
SP
B3
< 3 tBAUDHART bit times (can be before last UART character Start bit)
P0
ST – Start bit
B0-B7 – Data bits
P0 – Parity bit
SP – Stop bi
~1.5 tBAUDHART bit times FIFO Enqueuing Delay
Figure 6-24. HART Receive End Timing Diagram (UART Mode)
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com