Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 49 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 45Page - Texas Instruments AFEX82H1 Datasheet HTML 46Page - Texas Instruments AFEX82H1 Datasheet HTML 47Page - Texas Instruments AFEX82H1 Datasheet HTML 48Page - Texas Instruments AFEX82H1 Datasheet HTML 49Page - Texas Instruments AFEX82H1 Datasheet HTML 50Page - Texas Instruments AFEX82H1 Datasheet HTML 51Page - Texas Instruments AFEX82H1 Datasheet HTML 52Page - Texas Instruments AFEX82H1 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 115 page
background image
6.3.5.8 IRQ Configuration for HART Communication
To enable robust and error-free communicate on the HART bus, the events listed in Table 6-7 must be detected
from the AFEx82H1 by the system controller in a timely manner. If the IRQ signal is not directly connected to
the system controller, poll the corresponding status flags. In UART mode, the automatic dequeue of FIFO_H2U
simplifies event management significantly, and not all events must be translated to IRQs.
When using the HART modem with the IRQ, the IRQ features help control communication in both directions.
Enable IRQ functionality by following these steps:
1. Configure the IRQ to be either edge or level sensitive using CONFIG.IRQ_LVL. See also Section 6.3.4.
2. Configure the IRQ polarity with CONFIG.IRQ_POL, as needed per the respective system. See also Section
6.3.4.
3. For SPI only mode, set CONFIG.IRQ_PIN_EN = 1 to enable IRQ functionality on the UARTOUT pin. Also,
set CONFIG.UART_DIS = 1 to disable all UART functionality.
4. For UBM, use one of the two following methods:
a. Set CONFIG.IRQ_PIN_EN = 1 to enable IRQ functionality on the SDO pin, or
b. Set CONFIG.UBM_IRQ_EN = 1 to enable interrupts being sent UARTOUT using UBM.
5. After IRQ functionality is enabled, unmask all the required interrupt signals in the MODEM_STATUS_MASK
register (set each bit = 0).
Table 6-7. IRQ Sources and Uses
AFEx82H1
HART
STATE
EVENT
MODEM_STATUS FLAG
ASSERTION METHOD
(1)
ACTION
Receive
RTS
deasserted
CTS_DEASSERT
Toggle RTS pin high or set
MODEM_CFG.RTS = 0.
Demodulator enabled and ready to receive HART data.
Carrier detect
asserted
CD_ASSERT
Demodulator detects the HART
carrier signal of valid amplitude.
Expect to receive HART data. Set desired FIFO_H2U
level trigger threshold.
FIFO_H2U
level
threshold
trigger
FIFO_H2U_LEVEL_FLAG
Automatic enqueue of FIFO_H2U by
HART demodulator.
Dequeue data from FIFO_H2U when level exceeds the
set threshold.
Prevent FIFO_H2U from being full to avoid the loss of
incoming data.
FIFO_H2U
full
FIFO_H2U_FULL_FLAG
Automatic enqueue of FIFO_H2U by
HART demodulator. System controller
has not dequeued FIFO_H2U.
Critical flag.
Dequeue FIFO_H2U immediately to avoid the loss of
incoming data.
Carrier detect
deasserted
CD_DEASSERT
Demodulator stops detecting the
HART carrier signal of valid
amplitude.
Dequeue remaining data from FIFO_H2U.
Monitor the empty flag to make sure that all data have
been received.
FIFO_H2U
empty
FIFO_H2U_EMPTY_FLAG
Dequeue of FIFO_H2U by system
controller.
If using UART, wait to make sure the last character is
received on UARTOUT.
Transmit
RTS asserted
NA
Toggle RTS pin low or write set
MODEM_CFG.RTS = 1.
Wait for clear-to-send confirmation flag.
Clear to send
(CTS)
CTS_ASSERT
RTS asserted and CD deasserted.
Modulator enabled. Device starts modulating the carrier
on MOD_OUT. Set desired FIFO_U2H level trigger
threshold. Enqueue data into FIFO_U2H. Modulator
automatically dequeues FIFO_U2H and transmits the
HART data.
FIFO_U2H
level
threshold
trigger
FIFO_U2H_LEVEL_FLAG
Automatic dequeue of FIFO_U2H by
HART modulator.
Enqueue new data into FIFO_U2H when the level drops
below the set threshold.
Prevent FIFO_U2H from being empty to avoid a gap in
transmission.
FIFO_U2H
full
FIFO_U2H_FULL_FLAG
System controller enqueue of the new
data into FIFO_U2H.
Critical flag.
Stop enqueue of data into FIFO_U2H immediately to
avoid loss of HART data.
FIFO_U2H
empty
FIFO_U2H_EMPTY_FLAG
Automatic dequeue of FIFO_U2H by
HART modulator. System controller
has not enqueued new data into
FIFO_U2H.
Critical flag in the middle of the data packet.
Enqueue new data into FIFO_U2H immediately to avoid
a gap in transmission.
When the last character is dequeued from FIFO_U2H,
wait until the character is fully transmitted on MOD_OUT
before deasserting RTS.
(1)
For CD, RTS, ALARM, and IRQ connection choices, see Section 6.5.1.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com