Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 56 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 52Page - Texas Instruments AFEX82H1 Datasheet HTML 53Page - Texas Instruments AFEX82H1 Datasheet HTML 54Page - Texas Instruments AFEX82H1 Datasheet HTML 55Page - Texas Instruments AFEX82H1 Datasheet HTML 56Page - Texas Instruments AFEX82H1 Datasheet HTML 57Page - Texas Instruments AFEX82H1 Datasheet HTML 58Page - Texas Instruments AFEX82H1 Datasheet HTML 59Page - Texas Instruments AFEX82H1 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 115 page
background image
6.5 Programming
The AFEx82H1 communicate with the system controller through a serial interface that supports either a UART-
compatible two-wire bus or an SPI-compatible bus. Based on the hardware configuration, either interface can
be enabled. Figure 6-26 and Figure 6-27 show the configurations to enable SPI mode and UART break mode
(UBM), respectively. The SPI supports an 8-bit frame-by-frame CRC that is enabled by default, but can be
disabled by the user. UBM does not support CRC, but does support the UART protocol parity bit.
The AFEx82H1 are designed to leverage the existing firmware for communication with DACs or HART modems.
A special SPI- and UART-capable dual mode of communication that is available to enable firmware reuse from
discrete HART architecture is shown in Figure 6-28. See Section 6.5.1.3 for more details.
6.5.1 Communication Setup
After any reset or power up, the AFEx82H1 wake up able to use the SPI or UART break mode (UBM). The
devices include a robust mechanism that configures the interface between either an SPI-compatible or UART-
compatible protocol based system, thus preventing protocol change during normal operation. The selection is
based on initial conditions from the respective hardware configurations (see Figure 6-26 and Figure 6-27) and
any subsequent user configuration.
In SPI plus UART mode, all communication pins on the system microcontroller are connected to the AFEx82H1,
as shown in Figure 6-28.
6.5.1.1 SPI Mode
By default, the AFEx82H1 can be fully accessed with the SPI (except UBM.REG_MODE). To set up the device in
SPI mode:
1. Set CONFIG.UART_DIS = 1 (disables the UART communication).
2. Optionally, set CONFIG.DSDO, CONFIG.FSDO, and CONFIG.IRQ_PIN_EN. For details, see Table 7-5.
RTS
CS
RTS
RTS
GND
Resistive tie for unused or undriven GPIO
Control Logic
UART
Interface
HART
Interface
Control Logic
SDI
SDO
SCLK
GPIO3
GPIO2
Clock
Data In
Data Out
Chip Select
System
Controller
AFE
GPIO1
RESET
GPIO0
GND
Minimum Communication
Functionality (Most GPIOs)
Control Logic
UART
Interface
HART
Interface
SDI
SDO
SCLK
GPIO3
UARTOUT
Interrupt
Clock
Data In
Data Out
Chip Select
Reset
System
Controller
AFE
CD
CD
RESET
CS
CLK_OUT
Maximum Communication
Functionality (Least GPIOs)
IOVDD
IOVDD
IOVDD
Monitor
Figure 6-26. SPI Mode Connections
Figure 6-26 shows the SPI mode logical connections (through the isolation barrier, if used) for both minimum
communication functionality (all optional communication pins disconnected, most GPIO pins available shown)
and maximum communication functionality (all communication pins connected, least GPIO pins available
shown). If CONFIG.IRQ_PIN_EN = 1 is set, then the UARTOUT pin functions as the IRQ output. In SPI mode,
set CONFIG.SDO_DSDO = 0 to enable the readback function. This function is disabled by default to save
power. If the readback function not enabled, SDO remains in Hi-Z mode even during the subsequent frame after
a read request. Enable each GPIO pin for use through proper register configuration. If a pin remains unused, tied
the pin to either IOVDD using a pullup resistor or to GND using a pulldown resistor as indicated to avoid floating
IOs.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
56
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com