Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 52 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 48Page - Texas Instruments AFEX82H1 Datasheet HTML 49Page - Texas Instruments AFEX82H1 Datasheet HTML 50Page - Texas Instruments AFEX82H1 Datasheet HTML 51Page - Texas Instruments AFEX82H1 Datasheet HTML 52Page - Texas Instruments AFEX82H1 Datasheet HTML 53Page - Texas Instruments AFEX82H1 Datasheet HTML 54Page - Texas Instruments AFEX82H1 Datasheet HTML 55Page - Texas Instruments AFEX82H1 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 115 page
background image
6.3.9 One-Time Programmable (OTP) Memory
One-time programmable (OTP) memory in the device is used to store the device trim settings and is not
accessible to users. The OTP memory data are loaded to the memory (OTP shadow load) at power up.
The OTP memory CRC is performed to verify the correct data are loaded. The TRIGGER.SHADOWLOAD
bit is available to initiate a reload of the OTP memory data if a CRC error is detected. The
SPECIAL_CFG.OTP_LOAD_SW_RST bit controls whether the OTP memory data are reloaded with a software
reset.
6.3.10 GPIO
AFEx82H1 feature multiple GPIO pins, each independently configurable in either input only or output only or
input-ouput mode through GPIO_CFG and GPIO registers. Select either push-pull or pseudo open drain sub
modes supported when the GPIO is in output mode. No dedicated GPIO pins are present since the same pins
are also configurable for communication interfaces. Based on the selection of the interface protocol and how
many pins are used for communication purposes, the AFEx82H1 have up to four available GPIOs. Refer to
Section 6.5.1 for detailed diagrams of available GPIOs in each communication mode. If a GPIO pin is unused
or undriven, the pin must be tied resistively to either IOVDD or GND according to the connection diagrams in
Section 6.5.1. Unconnected floating input pins lead to unknown states for the communication interfaces and
varying supply currents for the AFEx82H1. When functioning as an output, each GPIO pin is capable of sourcing
and sinking current and when functioning as an input the register address 0x1C reflects the digital state of the
GPIO pins (for details of source and sink capabilities and input thresholds, see Section 5.5). The minimum pulse
width for transition detection is tPULSE_GPIO. When a state transition occurs on a GPIO input, the new state must
be held for a minimum of tPULSE_GPIO for detection by the AFEx82H1.
6.3.11 Timer
The AFEx82H1 have an integrated timer for generating accurate time delays, pulse width modulation or
oscillation. The devices have the ability to have timing parameters from the microseconds range to hours. The
timer is brought out on the CLK_OUT pin by setting CONFIG.CLKO = Fh. The timer is controlled with three
registers; TIMER_CFG_0, TIMER_CFG_1, and TIMER_CFG_2.
In the first of the three registers, TIMER_CFG_0.ENABLE turns the timer function on and off. If the timer is off,
then the output defaults to 0. TIMER_CFG_0.INVERT inverts the output of the timer. If the INVERT bit is set,
the output defaults to 1. TIMER_CFG_0.CLK_SEL selects the clock frequency according to Table 6-8. If 2'b00 is
selected, and no clock is applied, then the timer pauses if the timer has previously been enabled and counting.
Table 6-8. Timer Select Range
CLK_SEL
Clock Frequency
Resolution
Range
00
No clock
-
-
01
1.2288 MHz
814 ns
53.3 ms
10
1.200 kHz
833 μs
54.6 s
11
1.171 Hz
853 ms
55,923 s
The second timer register, TIMER_CFG_1.PERIOD sets the period of the timer. The period of the timer is
PERIOD + 1 cycles of the clock period.
The last timer register, TIMER_CFG_2.SET_TIME determines when the timer output goes to 1 (INVERT = 0).
This effectively defines the duty cycle of the timer. The duty cycle can be calculated as (PERIOD – SET_TIME) ×
clock period.
6.3.12 Unique Chip Identifier (ID)
AFEx82H1 include two read only registers: CHIP_ID_MSB (1Ah) and CHIP_ID_LSB (19h) where unique
chip ID is stored. The 16-bit CHIP_ID_MSB register stores the encoded lot identification number while the
CHIP_ID_LSB register stores the unique part number within each lot.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
52
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com