Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 68 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 68 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 64Page - Texas Instruments AFEX82H1 Datasheet HTML 65Page - Texas Instruments AFEX82H1 Datasheet HTML 66Page - Texas Instruments AFEX82H1 Datasheet HTML 67Page - Texas Instruments AFEX82H1 Datasheet HTML 68Page - Texas Instruments AFEX82H1 Datasheet HTML 69Page - Texas Instruments AFEX82H1 Datasheet HTML 70Page - Texas Instruments AFEX82H1 Datasheet HTML 71Page - Texas Instruments AFEX82H1 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 115 page
background image
6.5.5 Status Bits
In SPI mode and UBM, every response from the AFEx82H1 includes a set of status bits. For SPI mode bit order,
see Section 6.5.3.1. For UBM bit order, Section 6.5.4.1.
Table 6-13. Status Bits
STATUS BIT
DESCRIPTION
NOTES / REFERENCE
ALARM_IRQ
1h = ALARM_IRQ asserted
0h = Normal operation
From the GEN_STATUS(1) register (Table 7-33).
See also Section 6.3.4.
CRC_ERR
(CRC enabled SPI only)
1h = CRC error detect in input frame
0h = No CRC error detected
Generated by the SPI on a frame by frame basis.
See Section 6.5.3.3.
GEN_IRQ
1h = GEN_IRQ asserted
0h = Normal Operation
From the ALARM_STATUS(1) register (Table 7-32).
See also Section 6.3.4.
MODEM_IRQ
1h = MODEM_IRQ asserted
0h = Normal operation
From the GEN_STATUS(1) register (Table 7-33).
See also Section 6.3.4.
OSC_DIV_1024 (UBM mode)
1h = Sampled signal is high
0h = Sampled signal is low
Subdivided internal oscillator clock signal (frequency divided by 1024)
sampled at the falling edge of the status byte start bit. See also
Section 6.3.8.
OSC_DIV_2 (SPI mode)
1h = Sampled signal is high
0h = Sampled signal is low
Subdivided internal oscillator clock signal (frequency divided by 2)
sampled at CS falling edge. See also Section 6.3.8.
R/IRQn (UBM only)
1h = Read request
0h = IRQ event
Generated by the UART interface on a frame by frame basis.
See Section 6.5.4.1 for details.
RBIST
1h = RBIST busy (registers not readable)
0h = RBIST done (registers readable)
RBIST running status.
See Section 6.4.2 for details.
RESET
1h = First readback after RESET
0h = All other readbacks
From the GEN_STATUS register (Table 7-33).
See also Section 6.4.3.
(1)
ALARM_STATUS, MODEM_STATUS, and GEN_STATUS registers contain cross-readable IRQ flags for the other registers. The
ALARM_STATUS register has the GEN_IRQ and MODEM_IRQ bits. MODEM_STATUS has the GEN_IRQ and ALARM_IRQ bits.
GEN_STATUS has the ALARM_IRQ and MODEM_IRQ bits. This functionality enables the system microcontroller to always get full
status information by reading only one register, and thus save power.
6.5.6 Watchdog Timer
The AFEx82H1 include a watchdog timer (WDT) that is used to make sure that communication between the
system controller and the device is not lost. The WDT checks that the device received a communication from
the system controller within a programmable period of time. To enable this feature, set WDT.WDT_EN to 1. The
WDT monitors both SPI and UBM communications.
The WDT has two limit fields: WDT.WDT_UP and WDT.WDT_LO. The WDT_UP field sets the upper time limit
for the WDT. The WDT_LO field sets the lower time limit. If the WDT_LO is set to a value other than 2’b00, then
the WDT acts as a window comparator. If the write occurs too quickly (less than the WDT_LO time), or too slowly
(greater than the WDT_UP time), then a WDT error is asserted. When acting as a window comparator, in the
event of a WDT error, the WDT resets only when a write to the WDT register occurs. If the WDT_LO is set to
2'b00, then a write to any register resets the WDT time counter. In this mode, the WDT error is asserted when
the timer expires.
If enabled, the chip must have any SPI or UBM write to the device within the programmed timeout window.
Otherwise, the ALARM pin asserts low, and the ALARM_STATUS.WD_FLT bit is set to 1. The WD_FLT bit is
sticky. After a WD_FLT has been asserted, WDT.WDT_EN must be set to 0 to clear the WDT condition. Then the
WDT can be re-enabled. The WDT condition is also cleared by issuing a software or hardware reset. After the
WDT condition is clear, WD_FLT is cleared by reading the ALARM_STATUS register.
When using multiple AFEx82H1 devices in a daisy-chain configuration, connect the open-drain ALARM pins of
all devices together to form a wired-OR network. The watchdog timer can be enabled in any number of the
devices in the chain; although, enabling the watchdog timer in one device in the chain is usually sufficient. The
wired-OR ALARM pin can be pulled low in response to the simultaneous presence of different trigger conditions
in the devices in the daisy-chain. The host processor must read the ALARM_STATUS register of each device to
know all the fault conditions present in the chain.
The watchdog timeout period is based on a 1200-Hz clock (1.2288 MHz / 1024).
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
68
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com