Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 45 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 41Page - Texas Instruments AFEX82H1 Datasheet HTML 42Page - Texas Instruments AFEX82H1 Datasheet HTML 43Page - Texas Instruments AFEX82H1 Datasheet HTML 44Page - Texas Instruments AFEX82H1 Datasheet HTML 45Page - Texas Instruments AFEX82H1 Datasheet HTML 46Page - Texas Instruments AFEX82H1 Datasheet HTML 47Page - Texas Instruments AFEX82H1 Datasheet HTML 48Page - Texas Instruments AFEX82H1 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 115 page
background image
6.3.5.4 HART Modem Modes
The HART modulator
‑demodulator operates in either half‑duplex or full‑duplex mode.
6.3.5.4.1 Half-Duplex Mode
Half-duplex mode is the main functional mode of operation for the AFEx82H1, in conjunction with the half
‑duplex
HART protocol. In half-duplex mode, either the modulator or demodulator is active at any given instant, but
never simultaneously enabled. By default, the demodulator is active and the modulator is inactive. When using
half-duplex mode, the modem arbitrates when modulator and demodulator are active. For more details, see
Section 6.3.5.5.
6.3.5.4.2 Full-Duplex Mode
In full
‑duplex mode, the modulator and demodulator are simultaneously enabled. This configuration allows a
self
‑test feature to verify functionality of the transmit and receive signal chains to improve system diagnostics.
There are internal and external full-duplex modes.
In internal full-duplex mode, the MOD_OUT pin is internally shorted to the RX_INF pin. Set
MODEM_CFG.DUPLEX = 1 to enable an internal connection between the HART transmitter and receiver to
verify communication.
In external full-duplex mode, the HART modulator and demodulator are enabled, but the MOD_OUT pin is not
internally shorted to the RX_IN or RX_INF pins. To enable the external full
‑duplex mode, short MOD_OUT to
RX_IN or RX_INF pins externally, and set MODEM_CFG.DUPLEX_EXT = 1.
6.3.5.5 HART Modulation and Demodulation Arbitration
In half
‑duplex HART-protocol mode, the device arbitrates when the modulator and demodulator are active,
based on activity on the HART bus. The system controller has various means of monitoring and interacting with
the AFEx82H1. For the methods used in SPI mode, see Section 6.3.5.9. For the reporting method used in UART
mode, see Section 6.3.5.10.
In the default idle state, the RTS pin is high (inactive), and the CD pin is low. The demodulator is active and the
modulator is inactive.
6.3.5.5.1 HART Receive Mode
When a carrier is detected, the CD pin toggles high, and data bytes received by the modem are automatically
enqueued into FIFO_H2U. This mode is the highest priority, and the device continues to remain in this mode as
long as a valid carrier is present. The system controller must timely dequeue the data from the FIFO_H2U as
long as CD remains high and the demodulator enqueues new data into FIFO_H2U. CD is deasserted when the
level of the incoming carrier is reduced to less than the HART specification. For receive operation timing details,
see Section 6.3.5.7.
6.3.5.5.2 HART Transmit Mode
To transmit the HART data, issue a request to send (RTS) either by toggling the RTS pin low or asserting
MODEM_CFG.RTS, depending on the selected communication setup. When the HART bus is available for
transmission and no carrier is detected, the device deasserts the CD pin, disables the demodulator, asserts the
CTS response by setting MODEM_STATUS.CTS_ASSERT = 1, and begins modulating the carrier. If the CD pin
is used, wait for the CD pin to be deasserted. Otherwise, unmask CTS_ASSERT and set up the appropriate
IRQs for the FIFO_U2H levels and CTS flags to enable the system controller to receive an IRQ when CTS is
asserted. See also Section 6.3.5.8. When the CD pin and IRQ are not used, poll the MODEM_STATUS register
regularly to detect when the CTS response is asserted.
As long as the CD pin is asserted, the demodulator remains active and the RTS request is held pending by
the arbiter. Any HART transmit data bytes received by the AFEx82H1 are enqueued into FIFO_U2H, but not
transmitted immediately. The system controller must monitor the FIFO_U2H level to avoid buffer overflow in this
condition.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com