Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 47 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 43Page - Texas Instruments AFEX82H1 Datasheet HTML 44Page - Texas Instruments AFEX82H1 Datasheet HTML 45Page - Texas Instruments AFEX82H1 Datasheet HTML 46Page - Texas Instruments AFEX82H1 Datasheet HTML 47Page - Texas Instruments AFEX82H1 Datasheet HTML 48Page - Texas Instruments AFEX82H1 Datasheet HTML 49Page - Texas Instruments AFEX82H1 Datasheet HTML 50Page - Texas Instruments AFEX82H1 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 115 page
background image
In SPI only mode, the HART transmit data are enqueued into FIFO_U2H using FIFO_U2H_WR register.
Therefore, in this mode, take the standard SPI timing into consideration while calculating the latency of the
HART transmit data from the CS pin to the MOD_OUT pin. Figure 6-21 shows the HART transmit start timing for
SPI mode.
Clear To Send
MOD_OUT
SPI Controller
Data
CS
CD
RTS
MOD_OUT
Digital
Automatic ‘mark’ transmission
Wait for HART
transmit priority
Transmit Available
0x8F
0xFF
SPI Frame
mark-to-space transition
0xFF – DATA bits
LSB first
0x01
0x15
FIFO_U2H_WR
Register write
PARITY
Bit
DATA bits
MSB first
CRC
If enabled
ST
Figure 6-21. HART Transmit Start Timing Diagram (SPI Mode)
The HART character contains 11 bits; therefore, a delay of approximately 11 bit times (11 × tBAUDHART) occurs
from the moment the data are dequeued from FIFO_U2H until the data are fully transmitted on the MOD_OUT
pin (see Figure 6-22).
Additional delay is accumulated when there is a frequency mismatch between the incoming UART_IN data
and the HART data transmitted on MOD_OUT. If the UART_IN data frequency is 2% greater compared to the
MOD_OUT data frequency, a delay of approximately 1 bit time is accumulated every five HART characters. Add
a gap of at least 1 bit time between every five HART characters to account for this latency. Keep the request to
send (RTS) asserted until the data are fully transmitted on MOD_OUT.
B3
B4
B5
B6
B7
P0
SP
Transmitted
Message
UART_IN
RTS
MOD_OUT
MOD_OUT
Digital
RTS must be kept low for > 11 tBAUDHART
bit times to keep modulator enabled until the last
data character is transmitted and < 21 tBAUDHART
bit times to prevent gap error
~11 tBAUDHART bit times
~1.5 tBAUDUART bit times
FIFO Enqueuing Delay
P0 – Parity bit
SP – Stop bit
ST – Start bit
B0-B7 – Data bits
Figure 6-22. HART Transmit End Timing Diagram (UBM, UART Plus SPI Modes)
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com