Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 89 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 85Page - Texas Instruments AFEX82H1 Datasheet HTML 86Page - Texas Instruments AFEX82H1 Datasheet HTML 87Page - Texas Instruments AFEX82H1 Datasheet HTML 88Page - Texas Instruments AFEX82H1 Datasheet HTML 89Page - Texas Instruments AFEX82H1 Datasheet HTML 90Page - Texas Instruments AFEX82H1 Datasheet HTML 91Page - Texas Instruments AFEX82H1 Datasheet HTML 92Page - Texas Instruments AFEX82H1 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 115 page
background image
7.1.33 ADC_FLAGS Register (Offset = 23h) [Reset = 0000h]
Return to the Register Map.
The limits for Self Diagnostic (SD) Alarm ADC Thresholds are shown in Table 6-5.
Table 7-35. ADC_FLAGS Register Field Descriptions
Bit
Field
Type
Reset
Description
15-9
RESERVED
R
0h
8
SD4_FAIL
R
0h
SD4 (VOUT) Limit Fail
7
SD3_FAIL
R
0h
SD3 (ZTAT) Limit Fail
6
SD2_FAIL
R
0h
SD2 (VDD) Limit Fail
5
SD1_FAIL
R
0h
SD1 (PVDD) Limit Fail
4
SD0_FAIL
R
0h
SD0 (VREF) Limit Fail
3
TEMP_FAIL
R
0h
TEMP Limit Fail
2
AIN1_FAIL
R
0h
AIN1 Limit Fail
1
AIN0_FAIL
R
0h
AIN0 Limit Fail
0
RESERVED
R
0h
7.1.34 ADC_AIN0 Register (Offset = 24h) [Reset = 0000h]
Return to the Register Map.
Table 7-36. ADC_AIN0 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
Converted Value of Voltage on Pin AIN0
7.1.35 ADC_AIN1 Register (Offset = 25h) [Reset = 0000h]
Return to the Register Map.
Table 7-37. ADC_AIN1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
Converted Value of Voltage on Pin AIN1
7.1.36 ADC_TEMP Register (Offset = 26h) [Reset = 0000h]
Return to the Register Map.
Table 7-38. ADC_TEMP Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
0h
11-0
DATA
R
0h
Converted Value of Temperature
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com