Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 58 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 58 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 54Page - Texas Instruments AFEX82H1 Datasheet HTML 55Page - Texas Instruments AFEX82H1 Datasheet HTML 56Page - Texas Instruments AFEX82H1 Datasheet HTML 57Page - Texas Instruments AFEX82H1 Datasheet HTML 58Page - Texas Instruments AFEX82H1 Datasheet HTML 59Page - Texas Instruments AFEX82H1 Datasheet HTML 60Page - Texas Instruments AFEX82H1 Datasheet HTML 61Page - Texas Instruments AFEX82H1 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 115 page
background image
6.5.1.3 SPI Plus UART Mode
In this mode, communicate with the integrated HART modem using the UART while communicating with
the DAC using the SPI. Many discrete DACs use SPI communication, whereas HART modems use UART
communication, but this special communication interface enables easy transition from discrete to integrated
HART architecture. Figure 6-28 shows the UBM logical connections (through the isolation barrier, if used)
for both minimum communication functionality (all optional communication pins disconnected, most GPIO pins
available shown) and maximum communication functionality (all communication pins connected, least GPIO pins
available shown). Enable each GPIO pin for use through proper register configuration. If a pin remains unused,
tie the pin to either IOVDD using a pullup or to GND using a pulldown as indicated to avoid floating I/Os.
To setup the device in SPI plus UART mode using the SPI, set CONFIG.UART_BAUD = 0 to set the baud rate
to 1200 for the UART, and to track the HART baud rate of 1200. The UART also works at a 9600 baud, but the
1200 baud rate of HART must be considered, and the FIFO STATUS must be monitored through the SPI.
Resistive tie for unused or undriven GPIO
Control Logic
UART
Interface
HART
Interface
SDI
SDO
SCLK
UARTOUT
UARTIN
Tx
Clock
Data In
Data Out
Chip Select
Reset
Rx
CD
CD
System
Controller
AFE
RTS
RTS
RESET
CS
CLK_OUT
Maximum Communication
Functionality (Least GPIOs)
Control Logic
UART
Interface
HART
Interface
Control Logic
SDI
SDO
SCLK
UARTOUT
UARTIN
Tx
Clock
Data In
Data Out
Chip Select
Rx
IOVDD
System
Controller
AFE
RTS
RESET
CS
GPIO0
GND
CD
Minimum Communication
Functionality (Most GPIOs)
IOVDD
Monitor
Figure 6-28. SPI Plus UART Mode Connections
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
58
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com