Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 55 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 51Page - Texas Instruments AFEX82H1 Datasheet HTML 52Page - Texas Instruments AFEX82H1 Datasheet HTML 53Page - Texas Instruments AFEX82H1 Datasheet HTML 54Page - Texas Instruments AFEX82H1 Datasheet HTML 55Page - Texas Instruments AFEX82H1 Datasheet HTML 56Page - Texas Instruments AFEX82H1 Datasheet HTML 57Page - Texas Instruments AFEX82H1 Datasheet HTML 58Page - Texas Instruments AFEX82H1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 115 page
background image
duration is less than 20 ns. This command resets the SPI and the UART interface, the HART FIFO, and the
watchdog timer, but does not reset the internal oscillator. The software reset also reloads internal factory trim
registers if properly configured in the SPECIAL_CFG register. The SPECIAL_CFG register is only reset with a
POR.
The POR and hardware reset place the internal oscillator into a reset condition, which holds the clock low.
When these two signals are released, there is a delay of a few microseconds before the first rising edge of
the clock. The hardware reset, RESET, pulse width must be at least 100 ns to allow the oscillator to properly
reset. The SW_RST command is a short pulse. This pulse is not long enough to adequately reset the oscillator.
The SW_RST is asserted with a falling edge of the clock. As a result of the long oscillator period, the design
architecture provides that all devices are out of reset by the next rising edge.
Figure 6-25 shows the reset tree.
Factory
Trim
SPI
Communication
Watchdog
Timer
UART
Communication
Oscillator
ALARM_STATUS
GEN_STATUS
MODEM_STATUS
SPECIAL_CFG
Pin Reset
Reset Command
Power-On Reset
Reset Command
Power-On Reset
CS
Pin Reset
Power-On Reset
Software Reset
Hardware Reset
Reset
WDT.WDT_EN
CONFIG.UART_DIS
Device Module
Register Reset
ALARM_STATUS Read
Reset
GEN_STATUS Read
MODEM_STATUS Read
Power-On Reset
Device Resets
Other Registers
Figure 6-25. Reset Conditions
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com